Electronic Components Datasheet Search
  English  ▼

X  

0638136000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0638136000
Description  Extractor Tool for Crimp Terminals
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

0638136000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0638136000 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 11/02/2021
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0638136000
Status:
Active
Overview:
Application Tooling
Description:
Extractor Tool for Crimp Terminals
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
207121
Comments
See Tooling Specification (PDF) Above
Function
Extraction
Geographic Area
Global
Level of Automation
Manual
More Detailed Tech Information
applicationtooling@molex.com
Overview
Application Tooling
Product Name
N/A
Tool Type
Extraction Hand Tool
UPC
884982116252
Warranty Disclaimer
CAUTION: Molex tooling crimp specifications are
valid only when used with Molex terminals and tooling
manufactured by Molex and sold by Molex or authorized
distributors ("Molex Tooling"). When using tooling
other than Molex Tooling with Molex specific connector
systems listed in our ATS documents, the Molex tooling
qualification does not apply and the responsibility for
full qualification of the connector system is that of the
customer. Molex accepts no liability for connector
performance or tooling support where tooling other
than Molex Tooling is used or where Molex Tooling is
modified.
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-638136000-001
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Relevant
For more information, please visit Contact US
China ROHS
Not Relevant
ELV
Not Relevant
RoHS Phthalates
Not Reviewed
Search Parts in this Series
207121 Series
Use With
Conn 36P Robot Pin and Socket Crimp
Terminals, 16-19 AWG. 503195 , 503196
Application Tooling
| FAQ
Description
Product #
Robot Conn 36P
Plug Crimp Terminal
Chain
5031951000
Robot Conn 36P Plg
Crimp Term Lse W/
Plt
5031951100
Robot Conn 36P
Receptacle Crimp
Terminal Chain
5031961000
Robot Conn 36P Rec
Crimp Term LooseW/
Plt
5031961100
This document was generated on 11/02/2021
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0638136000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638136100 MOLEX11-0638136100 Datasheet
27Kb / 1P
Extraction Tool
0638136300 MOLEX11-0638136300 Datasheet
28Kb / 1P
Extraction Tool
0638136500 MOLEX11-0638136500 Datasheet
30Kb / 1P
Exraction Handtool
0638136900 MOLEX-0638136900 Datasheet
33Kb / 2P
Extractor Tool for 2.80mm Crimp Terminals
11/02/2021
More results

Similar Description - 0638136000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63813-6000 MOLEX11-63813-6000 Datasheet
35Kb / 1P
Extractor Tool for Crimp Terminals
63813-6900 MOLEX11-63813-6900 Datasheet
35Kb / 1P
Extractor Tool for 2.80mm Crimp Terminals
0638135800 MOLEX11-0638135800 Datasheet
27Kb / 1P
Extractor Tool for 2.80mm Crimp Terminals
0638135900 MOLEX11-0638135900 Datasheet
27Kb / 1P
Extractor Tool for 2.80mm Crimp Terminals
0638135800 MOLEX-0638135800 Datasheet
27Kb / 1P
Extractor Tool for 2.80mm Crimp Terminals
11/02/2021
0638135900 MOLEX-0638135900 Datasheet
28Kb / 1P
Extractor Tool for 2.80mm Crimp Terminals
11/02/2021
0638136900 MOLEX-0638136900 Datasheet
33Kb / 2P
Extractor Tool for 2.80mm Crimp Terminals
11/02/2021
63813-2700 MOLEX-63813-2700 Datasheet
568Kb / 9P
Extractor Tool for Crimp Terminals
02-01-17
ATS-638135700 MOLEX-ATS-638135700 Datasheet
1Mb / 4P
Extractor Tool for Crimp Terminals
10-26-15
5780566000 MOLEX-5780566000 Datasheet
29Kb / 1P
Extractor Tool for Crimp Terminals
08/25/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com