Electronic Components Datasheet Search
  English  ▼

X  

OAC10 Datasheet(PDF) 2 Page - ETA-USA

Part # OAC10
Description  10 Watt AC/DC Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA

OAC10 Datasheet(HTML) 2 Page - ETA-USA

  OAC10 Datasheet HTML 1Page - ETA-USA OAC10 Datasheet HTML 2Page - ETA-USA OAC10 Datasheet HTML 3Page - ETA-USA  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Isolation CapacItance TYP. 1100 pF
Isolation Resistance
DC 500V 1 minute GΩ (At room temperature & Humidity)
Environment Operating temp/hum -25~ +55
Storage temp/hum
-25 ~ +85
HUMIDITY 95%
Vibration
MIL-STD-202G
MTBF
115VAC@ 25C
776K hrs; 230VAX@25C
606K hrs
Safety
CE
IEC61000-4-2 ESD, IEC61000-4-4 EFT, IEC61000-4-5 SURGE
CLASSA
Line Emission
EN55032-B
Size
MM/G
40X33.5X22
42 grams
OUTPUT DERATING CURVE AND RECCOMENDED MOUNTING
DIAGRAM
°
°
°
°



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com