Electronic Components Datasheet Search
  English  ▼

X  

PBO-10 Datasheet(PDF) 6 Page - CUI INC

Part # PBO-10
Description  AC-DC POWER SUPPLY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBO-10 Datasheet(HTML) 6 Page - CUI INC

Back Button PBO-10 Datasheet HTML 2Page - CUI INC PBO-10 Datasheet HTML 3Page - CUI INC PBO-10 Datasheet HTML 4Page - CUI INC PBO-10 Datasheet HTML 5Page - CUI INC PBO-10 Datasheet HTML 6Page - CUI INC PBO-10 Datasheet HTML 7Page - CUI INC PBO-10 Datasheet HTML 8Page - CUI INC PBO-10 Datasheet HTML 9Page - CUI INC PBO-10 Datasheet HTML 10Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
cui.com
date 01/21/2022
│ page 6 of 10
CUI Inc
│ SERIES: PBO-10 │ DESCRIPTION: AC-DC POWER SUPPLY
APPLICATION DESIGN REFERENCE
PBO-10seriesadditionalcircuitsdesignreference
Immunitydesigncircuitsforreference
Emissionsdesigncircuitsforreference
ClassIII
ClassIV
ClassA
ClassB
PBO-10Seriesadditionalcomponentselectionguide
Partno.
FUSE
(required)
C1
(required)
C2
(required)
L1
(required)
C31
(required)
C4
CY1
(required)
TVS2
PBO-10-3
1A/300V
22µF/450V
470µF/16V
(solid-statecapacitor)
4.7µF
(max60mΩ)
150µF/35V
0.1µF/50V
1.0nF/400Vac
SMBJ7.0A
PBO-10-5
SMBJ7.0A
PBO-10-9
270µF/16V
(solid-statecapacitor)
100µF/35V
SMBJ12A
PBO-10-12
SMBJ20A
PBO-10-15
470µF/35V
47µF/35V
SMBJ20A
PBO-10-24
220µF/35V
SMBJ30A
Note:1.Recommendedtouseahighfrequency,lowESR,electrolyticcapacitorwithatleast20%marginonvoltagerating.
2.Asuppressordiode(TVS)isrecommendedtoprotectthedownstreamapplicationincaseofconverterfailureandshouldberatedforaminimumof1.2times
theconverter’soutputvoltage.
PBO-10SeriesEnvironmentalandEMCselectionguide
Recommended
circuit
Application
environment
Typicalindustry
Inputvoltage
range
Environment
temperature
Emissions
Immunity
1
Basic application
None
85~305Vac
-40°~85°C
ClassA
ClassIII
2
Indoorcivil
Smarthome/
Homeappliances(2Y-caps)
-25°~55°C
ClassB
ClassIII
Indoorgeneral
Intelligentbuilding/
Intelligentagriculture
3
Indoorindustrial
Manufacturingworkshop
-25°~55°C
ClassB
ClassIV
4
Oudoorgeneral
ITS/Videomonitoring/
Chargingpoint/Communication/
Securitiyandprotection
-40°~85°C
ClassA
ClassIV
Outdoorharsh
On-linepowermeter
Communicationbasestation
-40°~85°C
ClassA
ClassIV
Surge:linetognd±4KV
EFT:ClassIV
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com