Electronic Components Datasheet Search
  English  ▼

X  

PBO-10-5 Datasheet(PDF) 9 Page - CUI INC

Part # PBO-10-5
Description  AC-DC POWER SUPPLY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBO-10-5 Datasheet(HTML) 9 Page - CUI INC

Back Button PBO-10-5 Datasheet HTML 2Page - CUI INC PBO-10-5 Datasheet HTML 3Page - CUI INC PBO-10-5 Datasheet HTML 4Page - CUI INC PBO-10-5 Datasheet HTML 5Page - CUI INC PBO-10-5 Datasheet HTML 6Page - CUI INC PBO-10-5 Datasheet HTML 7Page - CUI INC PBO-10-5 Datasheet HTML 8Page - CUI INC PBO-10-5 Datasheet HTML 9Page - CUI INC PBO-10-5 Datasheet HTML 10Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
cui.com
date 01/21/2022
│ page 9 of 10
CUI Inc
│ SERIES: PBO-10 │ DESCRIPTION: AC-DC POWER SUPPLY
EMC RECOMMENDED CIRCUIT (CONTINUED)
Circuit 4
Table 4
Applicationenvironment
Ambienttemperaturerange
ImmunityClass
EmissionsClass
Outdoorgeneral
-40°C~85°C
ClassIV
ClassA
Component
Recommendedvalue
MOV
S14K350
C1
22uF/450V
LDM
4.7mH
R1
12Ω/3W
FUSE(required)
2A/300V,slow-blow
Note:R1mustbeawire-woundresistor;donotuseachiporcarbonfilmresistor.
Table 5
Applicationenvironment
Ambienttemperaturerange
ImmunityClass
EmissionsClass
Outdoorharsh
-40°C~85°C
ClassIV
surge:linetoground±4kV
EFT:ClassIV
ClassA
Component
Recommendedvalue
MOV
S20K350
C1
33uF/450V(surgeprotectionpriority)
LDM
4.7mH
R1
33Ω/5W
FUSE(required)
6.3A/300V,slow-blow
Note:R1mustbeawire-woundresistor;donotuseachiporcarbonfilmresistor.
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com