Electronic Components Datasheet Search
  English  ▼

X  

MAX20307 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX20307
Description  High-Frequency Optimized Configurable eGaN Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20307 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX20307 Datasheet HTML 1Page - Maxim Integrated Products MAX20307 Datasheet HTML 2Page - Maxim Integrated Products MAX20307 Datasheet HTML 3Page - Maxim Integrated Products MAX20307 Datasheet HTML 4Page - Maxim Integrated Products MAX20307 Datasheet HTML 5Page - Maxim Integrated Products MAX20307 Datasheet HTML 6Page - Maxim Integrated Products MAX20307 Datasheet HTML 7Page - Maxim Integrated Products MAX20307 Datasheet HTML 8Page - Maxim Integrated Products MAX20307 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
(VCC = 5V, VIN = 48V, TA = +25°C unless otherwise noted.)
Figure 1. Timing Diagram
0
1
2
3
4
5
6
7
8
9
10
0
1.1
2.2
3.3
4.4
5.5
SUPPLY VOLTAGE (V)
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
toc01
TA = +25°C
VINH = 0V
VIN = 0V
TA = +85°C
TA = -40°C
0
5
10
15
20
25
30
35
0
3
6
9
12
15
INH FREQUENCY (MHz)
SUPPLY CURRENT
vs. INPUT FREQUENCY
NO LOAD
toc03
TA = +25°C
TA = -40°C
TA = +85°C
VIN = 0V
0
10
20
30
40
50
60
0
3
6
9
12
15
INH FREQUENCY (MHz)
SUPPLY CURRENT
vs. INPUT FREQUENCY
CAPACITIVELOAD
toc02
VIN = 0V
CL = 0pF
CL = 68pF
CL = 470pF
CL = 390pF
CL = 220pF
50%
50%
50%
50%
50%
50%
tPLOFF
tPLON
tDMHON
tDMLON
tPHON
tPHOFF
0V
0V
0V
INH
HON
LON
INPUT TIMING
MAX20307
High-Frequency Optimized
Configurable eGaN Driver
www.maximintegrated.com
Maxim Integrated │ 4
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com