Electronic Components Datasheet Search
  English  ▼

X  

TLCR5200 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLCR5200
Description  Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLCR5200 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLCR5200 Datasheet HTML 1Page - Vishay Siliconix TLCR5200 Datasheet HTML 2Page - Vishay Siliconix TLCR5200 Datasheet HTML 3Page - Vishay Siliconix TLCR5200 Datasheet HTML 4Page - Vishay Siliconix TLCR5200 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TLCR5200, TLCY5200
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 24-Apr-13
2
Document Number: 81354
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) In one packing unit IVmax./IVmin.  2.0
Note
(1) In one packing unit IVmax./IVmin.  2.0
Note
• Luminous intensity is tested at a current pulse duration of 25 ms.
The type numbers represent the order groups which include only
a few brightness groups. Only one group will be shipped on each
bag (there will be no mixing of two groups on each bag).
In order to ensure availability, single brightness groups will not
be orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
in any one bag.
In order to ensure availability, single wavelength groups will not
be orderable.
Note
• Wavelengths are tested at a current pulse duration of 25 ms.
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified) 
TLCR5200, RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 50 mA
TLCR5200
IV
1350
4000
-
mcd
Dominant wavelength
IF = 50 mA
d
611
616
622
nm
Peak wavelength
IF = 50 mA
p
-
622
-
nm
Spectral bandwidth at
50 % Irel max.
IF = 50 mA

-18-
nm
Angle of half intensity
IF = 50 mA
-± 15
-
deg
Forward voltage
IF = 50 mA
VF
-2.1
2.7
V
Reverse voltage
IR = 10 μA
VR
5-
-
V
Temperature coefficient of VF
IF = 50 mA
TCVF
-- 3.5-
mV/K
Temperature coefficient of
d
IF = 50 mA
TC
d
-0.05-
nm/K
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified) 
TLCY5200, YELLOW
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 50 mA
TLCY5200
IV
1350
4000
-
mcd
Dominant wavelength
IF = 50 mA
d
585
590
597
nm
Peak wavelength
IF = 50 mA
p
-
593
-
nm
Spectral bandwidth at
50 % Irel max.
IF = 50 mA

-17-
nm
Angle of half intensity
IF = 50 mA
-± 15
-
deg
Forward voltage
IF = 50 mA
VF
-2.1
2.7
V
Reverse voltage
IR = 10 μA
VR
5-
-
V
Temperature coefficient of VF
IF = 50 mA
TCVF
-- 3.5-
mV/K
Temperature coefficient of
d
IF = 50 mA
TC
d
-0.1
-
nm/K
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (mcd)
STANDARD
MIN.
MAX.
FF
1350
2700
GG
1800
3600
HH
2400
4800
II
3200
6400
KK
4300
8600
LL
5750
11 500
MM
7500
15 000
NN
10 000
20 000
PP
13 500
27 000
QQ
18 000
36 000
RR
24 000
48 000
SS
32 000
64 000
TT
43 000
86 000
UU
57 500
115 000
COLOR CLASSIFICATION
GROUP
DOM. WAVELENGTH (nm)
YELLOW
RED
MIN.
MAX.
MIN.
MAX.
0
585
588
1
587
591
611
618
2
589
594
614
622
3
592
597



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com