Electronic Components Datasheet Search
  English  ▼

X  

TLDR4900 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLDR4900
Description  High Intensity LED in Ø 3 mm Clear Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLDR4900 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLDR4900 Datasheet HTML 1Page - Vishay Siliconix TLDR4900 Datasheet HTML 2Page - Vishay Siliconix TLDR4900 Datasheet HTML 3Page - Vishay Siliconix TLDR4900 Datasheet HTML 4Page - Vishay Siliconix TLDR4900 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TLDR4900, TLDR4901
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 10-Dec-15
2
Document Number: 83002
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• In one packing unit IVminx./IVmax.
≤ 0.5.
Note
• Luminous intensity is tested at a current pulse duration of 25 ms.
These type numbers represent the order groups which include
only a few brightness groups. Only one group will be shipped on
each reel (there will be no mixing of two groups on each reel). In
order to ensure availability, single brightness groups are not be
orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
on any one reel.
In order to ensure availability, single wavelength groups are not
be orderable.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature for InGaN
Fig. 2 - Forward Current vs. Pulse Length
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLDR490., RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN
TYP.
MAX
UNIT
Luminous intensity (1)
IF = 20 mA
TLDR4900
IV
63
200
-
mcd
TLDR4901
IV
63
-
200
mcd
Luminous intensity
IF = 1 mA
IV
-8
-
mcd
Dominant wavelength
IF = 20 mA
λd
-
648
-
nm
Peak wavelength
IF = 20 mA
λp
-
650
-
nm
Spectral line half width
IF = 20 mA
Δλ
-20
-
nm
Angle of half intensity
IF = 20 mA
ϕ
-± 16
-
deg
Forward voltage
IF = 20 mA
VF
-1.8
2.2
V
Reverse current
VR = 6 V
IR
--
10
μA
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-30
-
pF
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (mcd)
STANDARD
MIN.
MAX.
V
63
125
W
100
200
X
130
260
Y
180
360
Z
240
480
0
10
20
30
40
60
T
amb - Ambient Temperature (°C)
95 10095
50
0
2040
6080
100
0.02
0.05
0.1
0.2
1
0.5
t p /T= 0.01
Tamb
≤ 65 °C
0.01
0.1
1
10
1
10
100
1000
10 000
t p - Pulse Length (ms)
100
95 10047



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com