Electronic Components Datasheet Search
  English  ▼

X  

TLDR5400 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLDR5400
Description  High Intensity LED, Ø 5 mm Tinted Diffused Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLDR5400 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLDR5400 Datasheet HTML 1Page - Vishay Siliconix TLDR5400 Datasheet HTML 2Page - Vishay Siliconix TLDR5400 Datasheet HTML 3Page - Vishay Siliconix TLDR5400 Datasheet HTML 4Page - Vishay Siliconix TLDR5400 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TLDR5400
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 29-Apr-13
2
Document Number: 83003
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Luminous intensity is tested at a current pulse duration of 25 ms and an accuracy of ± 11 %.
The above type numbers represent the order groups which include only a few brightness groups. Only one group will be shipped on each
bag (there will be no mixing of two groups in each bag).
In order to ensure availability, single brightness groups will not be orderable.
In a similar manner for colors where wavelength groups are measured and binned, single wavelength groups will be shipped on any one bag.
In order to ensure availability, single wavelength groups will not be orderable.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature for AlInGaP
Fig. 2 - Forward Current vs. Pulse Length
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLDR5400, RED
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 20 mA
IV
35
70
-
mcd
Luminous intensity
IF = 1 mA
IV
-3-
mcd
Dominant wavelength
IF = 20 mA
d
-
648
-
nm
Peak wavelength
IF = 20 mA
p
-
650
-
nm
Spectral line half width

-20-
nm
Angle of half intensity
IF = 20 mA
-± 30
-
deg
Forward voltage
IF = 20 mA
VF
-1.8
2.2
V
Reverse current
VR = 6 V
IR
--
10
μA
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-30-
pF
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LUMINOUS INTENSITY (mcd)
STANDARD
MIN.
MAX.
Tb
35
50
U40
80
V
63
125
W
100
200
X
130
260
Y
180
360
Z
240
480
AA
320
640
BB
430
860
0
10
20
30
40
60
T
amb - Ambient Temperature (°C)
100
96 11489
50
040
20
60
80
0.01
0.1
1
10
1
10
100
1000
10 000
100
95 10025
0.02
0.05
0.1
0.2
1
0.5
T
amb ≤ 85 °C
t
p/T = 0.01
tp - Pulse Length (ms)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com