Electronic Components Datasheet Search
  English  ▼

X  

TLHB4200 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLHB4200
Description  High Efficiency Blue LED, ∅ 3 mm Tinted Non-Diffused Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHB4200 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLHB4200 Datasheet HTML 1Page - Vishay Siliconix TLHB4200 Datasheet HTML 2Page - Vishay Siliconix TLHB4200 Datasheet HTML 3Page - Vishay Siliconix TLHB4200 Datasheet HTML 4Page - Vishay Siliconix TLHB4200 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number 83014
Rev. 1.5, 17-Sep-07
www.vishay.com
3
Vishay Semiconductors
TLHB420.
PACKAGE DIMENSIONS in millimeters
Figure 5. Rel. Luminous Flux vs. Ambient Temperature
Figure 6. Relative Luminous Flux vs. Forward Current
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
15847
I
F = 10 mA
T
amb - Ambient Temperature (°C)
- 10
10 20 30 40 50 60 70 8090100
0
0.01
0.1
1
10
100
I
F - Forward Current (mA)
15848
110
Figure 7. Relative Intensity vs. Wavelength
0
20
40
60
80
100
120
350
400
450
500
550
600
λ - Wavelenght (nm)
15849
I
F = 10 mA
95 10913



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com