Electronic Components Datasheet Search
  English  ▼

X  

TLHF4401 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLHF4401
Description  High Intensity LED in Ø 3 mm Tinted Diffused Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHF4401 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLHF4401 Datasheet HTML 1Page - Vishay Siliconix TLHF4401 Datasheet HTML 2Page - Vishay Siliconix TLHF4401 Datasheet HTML 3Page - Vishay Siliconix TLHF4401 Datasheet HTML 4Page - Vishay Siliconix TLHF4401 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TLHF4400, TLHF4401
www.vishay.com
Vishay Semiconductors
Not for New Designs
Rev. 1.3, 15-Sep-2021
2
Document Number: 83370
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1)
In one packing unit IVmin./IVmax.
≤ 0.5
Note
• Luminous intensity is tested at a current pulse duration of 25 ms.
The above type numbers represent the order groups which
include only a few brightness groups. Only one group will be
shipped on each bag (there will be no mixing of two groups on
each bag).
In order to ensure availability, single brightness groups will not
be orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
on any one bag.
In order to ensure availability, single wavelength groups will not
be orderable.
Note
• Wavelengths are tested at a current pulse duration of 25 ms.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Relative Luminous Intensity vs. Angular Displacement
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLHF440., SOFT ORANGE
PARAMETER
TEST CONDITION
PARTS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 10 mA
TLHF4400
IV
40
-
-
mcd
TLHF4401
IV
100
200
360
mcd
Dominant wavelength
IF = 10 mA
TLHF4400
λd
598
-
611
nm
TLHF4401
λd
602
605
609
nm
Peak wavelength
IF = 10 mA
λp
-
610
-
nm
Angle of half intensity
IF = 10 mA
ϕ
-± 30
-
°
Forward voltage
IF = 20 mA
VF
-1.9
2.6
V
Reverse voltage
IR = 10
μAVR
5-
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-15
-
pF
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (mcd)
STANDARD
MIN.
MAX.
U40
80
V63
125
W
100
200
X
130
260
Y
180
360
COLOR CLASSIFICATION
GROUP
SOFT ORANGE
DOM. WAVELENGTH (nm)
MIN.
MAX.
1
598
601
2
600
603
3
602
605
4
604
607
5
606
609
6
608
611
0
10
20
30
40
60
95 10894
50
Tamb - Ambient Temperature (°C)
100
80
60
40
20
0
0.4
0.2
0
0.2
0.4
0.6
95 10042
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com