Electronic Components Datasheet Search
  English  ▼

X  

US1D Datasheet(PDF) 2 Page - Unisonic Technologies

Part # US1D
Description  SURFACE MOUNT ULTRA FAST RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US1D Datasheet(HTML) 2 Page - Unisonic Technologies

  US1D Datasheet HTML 1Page - Unisonic Technologies US1D Datasheet HTML 2Page - Unisonic Technologies US1D Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
US1D
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-223.a
ABSOLUTE MAXIMUM RATINGS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz, resistive or inductive load, for capacitive load current derate by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
Repetitive Peak Reverse Voltage
VRRM
200
V
RMS Voltage
VRMS
140
V
DC Blocking Voltage
VDC
200
V
Average Forward Rectified Current at TL=55°C
I(AV)
1.0
A
Peak Forward Surge Current 8.3ms Single Half
Sine-Wave Superimposed on Rated Load
(JEDEC Method)
IFSM
30.0
A
Junction Temperature
TJ
-65~+150
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Note 3)
θJA
50
°C/W
ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz, resistive or inductive load, for capacitive load current derate by 20%.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Instantaneous Forward Voltage
VF
IF=1.0A
1.0
V
DC Reverse Current at Rated DC Blocking
Voltage
IR
TA=25°C
5.0
μA
TA=100°C
50.0
μA
Reverse Recovery Time (Note 1)
trr
50
ns
Junction Capacitance (Note 2)
CJ
15.0
pF
Notes: 1. Reverse recovery condition IF=0.5A, IR=1.0A, Irr=0.25A.
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3. P.C.B. mounted with 0.2x0.2”(5.0x5.0mm) copper pad areas.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com