Electronic Components Datasheet Search
  English  ▼

X  

INA851 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA851
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Optional Attenuating Gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA851 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA851 Datasheet HTML 2Page - Texas Instruments INA851 Datasheet HTML 3Page - Texas Instruments INA851 Datasheet HTML 4Page - Texas Instruments INA851 Datasheet HTML 5Page - Texas Instruments INA851 Datasheet HTML 6Page - Texas Instruments INA851 Datasheet HTML 7Page - Texas Instruments INA851 Datasheet HTML 8Page - Texas Instruments INA851 Datasheet HTML 9Page - Texas Instruments INA851 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
7.4 Thermal Information
THERMAL METRIC(1)
INA851
UNIT
RGT (VQFN)
16 PINS
RθJA
Junction-to-ambient thermal resistance
47.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
53.6
°C/W
RθJB
Junction-to-board thermal resistance
22.0
°C/W
ψJT
Junction-to-top characterization parameter
1.4
°C/W
ψJB
Junction-to-board characterization parameter
22.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
7.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.5 Electrical Characteristics
at TA = 25°C, VS = ±15 V, VICM = VOCM = mid-supply, VCLAMP+ = VS+, VCLAMP– = VS–, RL = 10 kΩ, and G = 1 (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VOSI
Input stage offset
voltage(1) (4)
±10
±35
µV
TA = –40°C to +125°C(3)
±75
Input stage offset voltage
drift(1) (4)
±0.1
±0.4
µV/°C
VOSO
Output stage offset
voltage(1) (4)
G = 0.2
±150
µV
TA = –40°C to +85°C(3)
TBD
G = 1
±150
TA = –40°C to +85°C(3)
TBD
Output stage offset
voltage drift(1) (4)
TA = –40°C to +85°C(3)
G = 0.2
±5
µV/°C
G = 1
±5
PSRR
Power-supply rejection
ratio
±4 V ≤ VS ≤ ±18 V, RTI
G = 0.2
100
dB
G = 1
110
G = 10
120
G = 100
126
G = 1000
130
zid
Differential impedance
1 || 7
GΩ || pF
zic
Common-mode
impedance
TBD || TBD
GΩ || pF
RFI filter –3 dB frequency
TBD
MHz
VICM
Common-mode input
voltage(5)
TA = –40°C to +125°C
(VS–) + 2.5
(VS+) – 2.5
V
Protected input voltage
range
TA = –40°C to +125°C(2)
(VS–) – 40
(VS+) + 40
V
Input current in
overvoltage mode(8)
(VS–) – 40 V ≤ VIN ≤ (VS+) + 40 V(2)
VS = ±15 V
22
mA
CMRR
Common-mode rejection
ratio
At dc to 60 Hz, RTI,
VCM = (VS–) + 2.5 V to (VS+) – 2.5 V
G = 0.2
76
dB
G = 1
86
G = 10
106
G = 100
120
G = 1000
120
INA851
SBOS999 – MARCH 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com