Electronic Components Datasheet Search
  English  ▼

X  

LM25141 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LM25141
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25141 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM25141 Datasheet HTML 20Page - Texas Instruments LM25141 Datasheet HTML 21Page - Texas Instruments LM25141 Datasheet HTML 22Page - Texas Instruments LM25141 Datasheet HTML 23Page - Texas Instruments LM25141 Datasheet HTML 24Page - Texas Instruments LM25141 Datasheet HTML 25Page - Texas Instruments LM25141 Datasheet HTML 26Page - Texas Instruments LM25141 Datasheet HTML 27Page - Texas Instruments LM25141 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 69 page
background image
If a low IQ mode is required, take care when selecting the external resistors. The extra current drawn from the
external divider is added to the LM25143 ISTANDBY current (15 µA typical). The divider current reflected to VIN is
divided down by the ratio of VOUT/VIN. For example, if VOUT is set to 5.55 V with RFB1 equal to 82.5 kΩ and RFB2
equal to 10 kΩ, use Equation 7 to calculate the input current from a 12-V input required to supply the current in
the feedback resistors.
OUT
OUT
VIN(DIVIDER)
FB1
FB2
IN
VIN
STANDBY
VIN(DIVIDER)
V
V
5.55 V
5.55 V
I
35 $
R
R
V
82.5k
10k
80% 12 V
I
I
I
15 $
$
$
K
˜
˜
|
˜
:
:
˜
(7)
If one output is enabled and the other disabled, the VCC output is in regulation. The HB voltage of the disabled
channel charges to VCC through the bootstrap diode. As a result, the HO driver bias current (approximately 1.5
µA) can increase the output voltage of the disabled channel to approximately 2.2 V. If this is not desired, add a
load resistor (100 kΩ) to the output that is disabled to maintain a low-voltage OFF state.
9.3.11 Minimum Controllable On Time
There are two limitations to the minimum output voltage adjustment range: the LM25143 voltage reference of 0.6
V and the minimum controllable switch-node pulse width, tON(min).
tON(min) effectively limits the voltage step-down conversion ratio of VOUT/VIN at a given switching frequency. For
fixed-frequency PWM operation, the voltage conversion ratio must satisfy Equation 8.
OUT
ON(min)
SW
IN
V
t
F
V
!
˜
(8)
where
• tON(min) is 65 ns (typical).
• FSW is the switching frequency.
If the desired voltage conversion ratio does not meet the above condition, the LM25143 transitions from fixed
switching frequency operation to a pulse-skipping mode to maintain output voltage regulation. For example, if
the desired output voltage is 5 V with an input voltage is 24 V and switching frequency of 2.1 MHz, the voltage
conversion ratio test in Equation 9 is satisfied.
5 V
65 ns 2.1 MHz
24 V
0.208
0.137
!
˜
!
(9)
For wide VIN applications and low output voltages, an alternative is to reduce the LM25143 switching frequency
to meet the requirement of Equation 8.
9.3.12 Error Amplifier and PWM Comparator (FB1, FB2, COMP1, COMP2)
Each channel of the LM25143 has an independent high-gain transconductance amplifier that generates an
error current proportional to the difference between the feedback voltage and an internal precision reference
(0.6 V). The output of the transconductance amplifier is connected to the COMP pin, allowing the user to
provide external control loop compensation. A type-II compensation network is generally recommended for peak
current-mode control.
The amplifier has two gain settings, one is for normal operation with a gm of 1200 µS and the other is for
ultra-low IQ with a gm of 60 µS. For normal operation, connect MODE to AGND. For ultra-low operation IQ,
connect MODE to AGND through a 10-kΩ resistor.
LM25143
SNVSC10 – MARCH 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com