Electronic Components Datasheet Search
  English  ▼

X  

LM25145 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # LM25145
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25145 Datasheet(HTML) 42 Page - Texas Instruments

Back Button LM25145 Datasheet HTML 38Page - Texas Instruments LM25145 Datasheet HTML 39Page - Texas Instruments LM25145 Datasheet HTML 40Page - Texas Instruments LM25145 Datasheet HTML 41Page - Texas Instruments LM25145 Datasheet HTML 42Page - Texas Instruments LM25145 Datasheet HTML 43Page - Texas Instruments LM25145 Datasheet HTML 44Page - Texas Instruments LM25145 Datasheet HTML 45Page - Texas Instruments LM25145 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 69 page
background image
In most cases, these actions are available:
• Run electrical simulations to see important waveforms and circuit performance
• Run thermal simulations to understand board thermal performance
• Export customized schematic and layout into popular CAD formats
• Print PDF reports for the design, and share the design with colleagues
Get more information about WEBENCH tools at www.ti.com/WEBENCH.
10.2.1.2.2 Custom Design With Excel Quickstart Tool
Select components based on the regulator specifications using the LM25143 Quickstart Calculator available for
download from the LM25143 product folder.
10.2.1.2.3 Inductor Calculation
1. Use Equation 33 to calculate the required buck inductance for each channel based on a 30% inductor ripple
current at nominal input voltages.
IN(nom)
OUT1
OUT1
O1
IN(nom)
L
SW
IN(nom)
OUT2
OUT2
O2
IN(nom)
L
SW
V
V
V
3.3 V
12 V
3.3 V
L
0.54 +
V
I
F
12 V
2.1A 2.1MHz
V
V
V
5 V
12 V
5 V
L
0.66 +
V
I
F
12 V
2.1A 2.1MHz
§
·
§
·
˜
˜
¨
¸
¨
¸
¨
¸
' ˜
˜
©
¹
©
¹
§
·
§
·
˜
˜
¨
¸
¨
¸
¨
¸
' ˜
˜
©
¹
©
¹
(33)
2. Select a standard inductor value of 0.68 µH for both channels. Use Equation 34 to calculate the peak
inductor currents at maximum steady-state input voltage. Subharmonic oscillation occurs with a duty cycle
greater than 50% for peak current-mode control. For design simplification, the LM25143 has an internal
slope compensation ramp proportional to the switching frequency that is added to the current sense signal to
damp any tendency toward subharmonic oscillation.
LO1
OUT1
OUT1
LO1(PK)
OUT1
OUT1
O1
SW
IN(max)
LO2
OUT2
OUT2
LO2(PK)
OUT2
OUT2
O2
SW
IN(max)
I
V
V
3.3 V
3.3 V
I
I
I
1
7 A
1
7.94 A
2
2 L
F
V
2 0.68 +
0+]
9
I
V
V
5 V
I
I
I
1
7 A
1
2
2 L
F
V
2 0.68 +
0+]
§
·
§
·
'
˜
˜
¨
¸
¨
¸
¨
¸
˜
˜
˜
˜
©
¹
©
¹
§
·
'
˜
˜
¨
¸
¨
¸
˜
˜
˜
˜
©
¹
5 V
8.27 A
18 V
§
·
¨
¸
©
¹
(34)
3. Based on Equation 10, use Equation 35 to cross-check the inductance to set a slope compensation equal to
the ideal one times the inductor current downslope.
OUT
S
O1(sc)
SW
OUT
S
O2(sc)
SW
V
(V) R (m )
3.3 V 7m
L
0.46 +
24 F
(MHz)
24 2.1 MHz
V
(V) R (m )
5 V 7m
L
0.69 +
24 F
(MHz)
24 2.1 MHz
˜
:
˜
:
˜
˜
˜
:
˜
:
˜
˜
(35)
10.2.1.2.4 Current-Sense Resistance
1. Calculate the current-sense resistance based on a maximum peak current capability of at least 20% higher
than the peak inductor current at full load to provide sufficient margin during start-up and load-on transients.
Calculate the current sense resistances using Equation 36.
LM25143
SNVSC10 – MARCH 2022
www.ti.com
42
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com