Electronic Components Datasheet Search
  English  ▼

X  

CC1352P7 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P7
Description  CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1352P7 Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC1352P7 Datasheet HTML 28Page - Texas Instruments CC1352P7 Datasheet HTML 29Page - Texas Instruments CC1352P7 Datasheet HTML 30Page - Texas Instruments CC1352P7 Datasheet HTML 31Page - Texas Instruments CC1352P7 Datasheet HTML 32Page - Texas Instruments CC1352P7 Datasheet HTML 33Page - Texas Instruments CC1352P7 Datasheet HTML 34Page - Texas Instruments CC1352P7 Datasheet HTML 35Page - Texas Instruments CC1352P7 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
8.16.3 TX Current
Temperature [
C]
TX Current vs. Temperature
Bluetooth Low Energy 1 Mbps, 2.44 GHz, +10 dBm
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
17
18
19
20
21
22
23
24
25
Figure 8-8. TX Current vs. Temperature (BLE 1
Mbps, 2.44 GHz)
Temperature [°C]
TX Current vs. Temperature
BLE 1 Mbps, 2.44 GHz, +20 dBm PA, VDDS = 3.3 V
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
40
45
50
55
60
65
70
75
80
85
90
95
100
105
110
115
120
125
130
D020
+20 dBm
+19 dBm
+18 dBm
+17 dBm
+16 dBm
+15 dBm
+14 dBm
Figure 8-9. TX Current vs. Temperature (BLE 1
Mbps, 2.44 GHz, VDDS = 3.3 V)
Temperature [°C]
TX Current vs. Temperature
IEEE 802.15.4 (OQPSK DSSS1:8, 250 kbps), 2.44 GHz, +10 dBm PA
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
15
18
21
24
27
30
33
+10 dBm
+9 dBm
+8 dBm
+7 dBm
+6 dBm
Figure 8-10. TX Current vs. Temperature (250 kbps,
2.44 GHz, +10 dBm PA)
Voltage [V]
TX Current vs. VDDS
Bluetooth Low Energy 1 Mbps 2.44GHz, + 10 dBm PA
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
10
15
20
25
30
35
40
45
Figure 8-11. TX Current vs. Supply Voltage (VDDS)
(BLE 1 Mbps, 2.44 GHz)
Voltage [V]
TX Current vs. VDDS
BLE 1 Mbps, 2.44 GHz, +20 dBm PA
1.8 1.9
2
2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9
3
3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8
40
44
48
52
56
60
64
68
72
76
80
84
88
92
96
100
104
108
112
116
120
D025
+20 dBm
+19 dBm
+18 dBm
+17 dBm
+16 dBm
+15 dBm
+14 dBm
Figure 8-12. TX Current vs. Supply Voltage (VDDS)
(BLE 1 Mbps, 2.44 GHz, +20 dBm PA)
Voltage [V]
TX Current vs. VDDS
IEEE 802.15.4 (OQPSK DSSS1:8, 250 kbps), 2.44 GHz, +10 dBm PA
1.8 1.9
2
2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9
3
3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8
10
15
20
25
30
35
40
45
50
+10 dBm
+9 dBm
+ 8dBm
+7 dBm
+6 dBm
Figure 8-13. TX Current vs. Supply Voltage (VDDS)
(250 kbps, 2.44 GHz, +10 dBm PA)
CC2651P3
SWRS257 – MARCH 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CC2651P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com