Electronic Components Datasheet Search
  English  ▼

X  

LM5148 Datasheet(PDF) 23 Page - Texas Instruments

Part # LM5148
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5148 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM5148 Datasheet HTML 19Page - Texas Instruments LM5148 Datasheet HTML 20Page - Texas Instruments LM5148 Datasheet HTML 21Page - Texas Instruments LM5148 Datasheet HTML 22Page - Texas Instruments LM5148 Datasheet HTML 23Page - Texas Instruments LM5148 Datasheet HTML 24Page - Texas Instruments LM5148 Datasheet HTML 25Page - Texas Instruments LM5148 Datasheet HTML 26Page - Texas Instruments LM5148 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 69 page
background image
˜
SS
SS
C
(nF)
35 t
(ms)
(4)
where
• tSS is the required soft-start time.
SS can be pulled low with an external circuit to stop switching, but this is not recommended. When the controller
is in FPWM mode (set by connecting DEMB to VDDA), pulling SS low results in COMP being pulled down
internally as well. LO remains on and the low-side MOSFET discharges the output capacitor, resulting in large
negative inductor current. In contrast, the LO gate driver is disabled when the LM25143 internal logic pulls SS
low due to a fault condition.
9.3.10 Output Voltage Setpoint (FB1, FB2)
The LM25143 outputs can be independently configured for one of the two fixed output voltages with no external
feedback resistors, or adjusted to the desired voltage using an external resistor divider. VOUT1 or VOUT2 can be
configured as a 3.3-V output by connecting the corresponding FB pin to VDDA, or a 5-V output by connecting
FB to AGND. The FB1 and FB2 connections (either VDDA or GND) are detected during power up. The
configuration settings are latched and cannot be changed until the LM25143 is powered down with the VCC
voltage decreasing below its falling UVLO threshold, and then powered up again.
Alternatively, the output voltage can be set using external resistive dividers from the output to the relevant
FB pin. The output voltage adjustment range is between 0.6 V and 36 V. The regulation threshold at FB is
0.6 V (VREF). Use Equation 5 to calculate the upper and lower feedback resistors, designated RFB1 and RFB2,
respectively. See Figure 9-3.
OUT
FB1
FB2
REF
V
R
1
R
V
§
·
˜
¨
¸
©
¹
(5)
The recommended starting value for RFB2 is between 10 kΩ and 20 kΩ.
VOUT1
COMP1
FB1
VREF
+
gm = 1200 S
CO
SS
LO
RFB1
RFB2
+
VIN
RCOMP
CCOMP
CHF
–
AGND
Figure 9-3. Control Loop Error Amplifier
The Thevenin equivalent impedance of the resistive divider connected to the FB pin must be greater than 5 kΩ
for the LM25143 to detect the divider and set the channel to the adjustable output mode.
FB1
FB2
TH
FB1
FB2
R
R
R
5 k
R
R
˜
!
:
(6)
www.ti.com
LM25143
SNVSC10 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com