Electronic Components Datasheet Search
  English  ▼

X  

AD74413RBCPZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD74413RBCPZ
Description  Quad-Channel, Software Configurable Input and Output
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74413RBCPZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD74413RBCPZ Datasheet HTML 21Page - Analog Devices AD74413RBCPZ Datasheet HTML 22Page - Analog Devices AD74413RBCPZ Datasheet HTML 23Page - Analog Devices AD74413RBCPZ Datasheet HTML 24Page - Analog Devices AD74413RBCPZ Datasheet HTML 25Page - Analog Devices AD74413RBCPZ Datasheet HTML 26Page - Analog Devices AD74413RBCPZ Datasheet HTML 27Page - Analog Devices AD74413RBCPZ Datasheet HTML 28Page - Analog Devices AD74413RBCPZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 70 page
background image
Data Sheet
AD74413R
Rev. 0 | Page 25 of 70
DIGITAL INPUT
3.0
2.5
2.0
1.5
1.0
0.5
–0.5
0
1
0
–2
3
8
13
18
VOLTAGE INPUT (V)
COMPARATOR
OUTPUT
IIN
DIN_RANGE: 0 (3.74mA)
DIN_SINK CODE: 20
DIN_THRESH_MODE: 1
COMP_THRESH: 16
Figure 25. Digital Input Current Sink vs. Voltage Input for
IEC 61131-2, Type I and Type III



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com