Electronic Components Datasheet Search
  English  ▼

X  

ADA4254 Datasheet(PDF) 27 Page - Analog Devices

Part # ADA4254
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADA4254 Datasheet HTML 23Page - Analog Devices ADA4254 Datasheet HTML 24Page - Analog Devices ADA4254 Datasheet HTML 25Page - Analog Devices ADA4254 Datasheet HTML 26Page - Analog Devices ADA4254 Datasheet HTML 27Page - Analog Devices ADA4254 Datasheet HTML 28Page - Analog Devices ADA4254 Datasheet HTML 29Page - Analog Devices ADA4254 Datasheet HTML 30Page - Analog Devices ADA4254 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
Data Sheet
ADA4254
Rev. B | Page 27 of 59
OUTPUT RIPPLE CALIBRATION CONFIGURATION
The amplifiers inside the ADA4254 achieve zero drift by using
a technique commonly referred to as chopping. When chopping is
used to null the offset of an amplifier, the unchopped offsets are
modulated to the frequency at which the chopping is performed.
All chopping amplifiers feature this phenomenon, which is
commonly referred to as ripple.
The ADA4254 instrumentation amplifier features a proprietary
calibration routine that reduces the residual voltage ripple at
the output of the ADA4254 by nulling the internal offsets of all
amplifiers. This calibration occurs automatically when the
ADA4254 is initially powered on, after a POR_HV event, or
after a soft reset occurs. Further calibrations can be performed
either on a scheduled or triggered basis.
While the ADA4254 is calibrating, SW_A1, SW_A2, SW_B1,
and SW_B2 are temporarily opened and the amplifier inputs are
internally connected to AVSS through SW_C1 and SW_C2. After
a calibration completes, the switches return to their previous states.
Two calibration types can be selected via CAL_SEL: full calibration
or quick calibration.
A full calibration sequentially calibrates each individual amplifier
and fully computes a new calibration code. This calibration
takes approximately 85 ms. Full calibration always occurs after
power-up, after a POR_HV event, or after a soft reset.
A quick calibration calculates a new calibration code for all
amplifiers at the same time. The calibration code of each
amplifier is then adjusted by an incremental amount. This type
of calibration takes approximately 8 ms.
By default, calibrations only occur after power-up, after a POR_HV
event, or after a reset. Additional scheduled calibrations are con-
figured via CAL_EN, or are triggered via the TRIG_CAL bit.
When scheduled calibrations are configured via CAL_EN, the
selected calibration type occurs at the rate configured via CAL_EN.
Calibrations can also be manually triggered via TRIG_CAL.
The internal offsets, which are nulled by the ADA4254
calibration routine, can change when the circuit or the
environmental conditions change. Changes in temperature,
supply voltage, common-mode input voltage, time, and so on,
can all cause an increase in output ripple. Recalibrations, either
triggered or scheduled, renull internal offsets and reduce
residual output ripple.
During a calibration, noise can limit the ability of the ADA4254
to fully null internal offsets and fully reduce the residual output
ripple. Proper decoupling and shielding techniques help ensure
accurate calibrations. Avoid large input transients during
calibrations. Calibrations typically reduce the output ripple to
<200 μV rms, but results as high as 5 mV rms can be observed
in the presence of noise or input transients. If excessive residual
ripple is detected, subsequent calibrations can be performed to
reduce the output ripple.
ADC synchronization and simple filtering, either passive or
active, are also effective methods in reducing residual output
ripple. These techniques are discussed in detail in the External
Clock Synchronization section and the Output Amplifier section.
GENERAL-PURPOSE INPUTS/OUTPUTS (GPIOs)
The ADA4254 features several multifunction GPIOs. There are
five GPIOs on the TSSOP and seven on the LFCSP package. These
GPIOs can be configured to either read a logic input or output a
logic signal. A GPIO pin is configured as an input or an output
using the GPIO_DIR register. The bit position in the GPIO_DIR
register corresponds to the GPIO pin number. For example, the
bit at Position 0 controls the GPIO0 direction.
The GPIO_DATA register sets the GPIO output when a GPIO
is configured as an output. The GPIO_DATA register also
reads the data at the GPIO pin when a GPIO is configured as an
input. The bit field position in the GPIO_DATA register
corresponds to the GPIO pin number. For example, the bit at
Position 0 corresponds to GPIO0.
The ADA4254 GPIOs can be configured to perform additional
special functions.
Each GPIO can be configured as an output to extend the chip
select signal from the SPI master to other slave devices. This
special functionality is referred to as sequential chip select.
This special functionality is controlled by the SCS register.
GPIO0 and GPIO1 can also be configured as external multiplexer
control signals. This function is enabled in the special function
register, SF_CFG. After GPIO0 and GPIO1 are configured as
outputs, the EXT_MUX bit field in the GAIN_MUX register
controls the state of GPIO0 and GPIO1, allowing the gain and the
external mux setting to be modified with one write operation.
GPIO2 can be configured to output a calibration busy signal.
This function is enabled via CAL_BUSY_OUT. The calibration
busy signal indicates that the ADA4254 is performing a
calibration routine. GPIO2 must be configured as an output to
use this special function.
GPIO3 can be configured to output a fault interrupt signal.
This signal is an OR function of all the analog and digital error
indicators found in the ANALOG_ERR and DIGITAL_ERR
registers. This function is enabled via FAULT_INT_OUT.
GPIO3 must be configured as an output to use this special
function.
When configured as an output, GPIO4 can be configured to
output the 1 MHz master clock or the 125 kHz chopping clock.
This is configured via INT_CLK_OUT and CLK_OUT_SEL.
When configured as an input, GPIO4 can also accept an
external clock. This function is configured via EXT_CLK_IN.
EXCITATION CURRENTS
The ADA4254 contains two software configurable excitation
current sources, IOUT_LV and IOUT_HV. These current sources
can be used to excite external circuitry, such as resistive bridges or
RTD sensors. IOUT_LV is sourced from AVDD and IOUT_HV is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com