Electronic Components Datasheet Search
  English  ▼

X  

AD7984 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7984
Description  0.4 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7984 Datasheet(HTML) 5 Page - Analog Devices

  AD7984 Datasheet HTML 1Page - Analog Devices AD7984 Datasheet HTML 2Page - Analog Devices AD7984 Datasheet HTML 3Page - Analog Devices AD7984 Datasheet HTML 4Page - Analog Devices AD7984 Datasheet HTML 5Page - Analog Devices AD7984 Datasheet HTML 6Page - Analog Devices AD7984 Datasheet HTML 7Page - Analog Devices AD7984 Datasheet HTML 8Page - Analog Devices AD7984 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Enhanced Product
ADA4805-2-EP
Rev. 0 | Page 5 of 9
3 V SUPPLY
VS = 3 V at TA = 25°C; RF = 0 Ω for G = +1; otherwise, RF = 1 kΩ; RL = 2 kΩ to midsupply; unless otherwise noted. All specifications are
per amplifier.
Table 4.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +1, VOUT = 0.02 V p-p
95
MHz
G = +1, VOUT = 1 V p-p, +VS = 2 V, −VS = −1 V
30
MHz
Bandwidth for 0.1 dB Flatness
G = +1, VOUT = 0.02 V p-p
35
MHz
Slew Rate
G = +1, VOUT = 1 V step, +VS = 2 V, −VS = −1 V
85
V/µs
Settling Time to 0.1%
G = +1, VOUT = 1 V step
41
ns
NOISE/DISTORTION PERFORMANCE
Harmonic Distortion, HD2/HD31
fC = 20 kHz, VOUT = 1 V p-p, +VS = 2 V, −VS = −1 V
−123/−143
dBc
fC = 100 kHz, VOUT = 1 V p-p, +VS = 2 V, −VS = −1 V
−107/−133
dBc
Input Voltage Noise
f = 100 kHz
6.3
nV/√Hz
Input Voltage Noise 1/f Corner
8
Hz
0.1 Hz to 10 Hz Voltage Noise
55
nV rms
Input Current Noise
f = 100 kHz
0.8
pA/√Hz
DC PERFORMANCE
Input Offset Voltage
7
125
µV
Input Offset Voltage Drift2
TMIN to TMAX
0.4
2.7
µV/°C
Input Bias Current
440
690
nA
Input Offset Current
0.5
nA
Open-Loop Gain
VOUT = 1.1 V to 1.9 V
100
107
dB
INPUT CHARACTERISTICS
Input Resistance
Common Mode
50
MΩ
Differential Mode
260
kΩ
Input Capacitance
1
pF
Input Common-Mode Voltage Range
−0.1
+2
V
Common-Mode Rejection Ratio
VIN, CM = 0.5 V to 2 V
89
117
dB
OUTPUT CHARACTERISTICS
Output Overdrive Recovery Time
(Rising/Falling Edge)
VIN = −1 V to +4 V, G = +2
135/175
ns
Output Voltage Swing
RL = 2 kΩ
0.02
2.98
V
Short-Circuit Current
Sinking/sourcing
65/47
mA
Linear Output Current
<1% THD at 100 kHz, VOUT = 1 V p-p
±40
mA
Capacitive Load Drive
30% overshoot
15
pF
POWER SUPPLY
Operating Range
2.7
10
V
Quiescent Current per Amplifier
470
495
µA
Power Supply Rejection Ratio
Positive
+VS = 1.5 V to 3.5 V, −VS = −1.5 V
96
119
dB
Negative
+VS = 1.5 V, −VS = −1.5 V to −3.5 V
96
125
dB
1
fC is the fundamental frequency.
2
Guaranteed, but not tested.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com