Electronic Components Datasheet Search
  English  ▼

X  

ADM7151 Datasheet(PDF) 8 Page - Analog Devices

Part # ADM7151
Description  800 mA Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM7151 Datasheet HTML 4Page - Analog Devices ADM7151 Datasheet HTML 5Page - Analog Devices ADM7151 Datasheet HTML 6Page - Analog Devices ADM7151 Datasheet HTML 7Page - Analog Devices ADM7151 Datasheet HTML 8Page - Analog Devices ADM7151 Datasheet HTML 9Page - Analog Devices ADM7151 Datasheet HTML 10Page - Analog Devices ADM7151 Datasheet HTML 11Page - Analog Devices ADM7151 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADM7151
Data Sheet
Rev. B | Page 8 of 24
–40
–5
25
85
125
TEMPERATURE (°C)
10
1
0.1
0.01
0.001
0.0001
VIN = 6.2V
VIN = 6.5V
VIN = 7.0V
VIN = 10V
VIN = 16V
Figure 11. Shutdown Current vs. Temperature at Various Input Voltages
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 200mA
LOAD = 400mA
LOAD = 800mA
5.00
4.90
4.91
4.92
4.93
4.94
4.95
4.96
4.97
4.98
4.99
Figure 12. Output Voltage (VOUT) vs. Junction Temperature (TJ), ADM7151-04,
VOUT = 5 V
1
10
100
1000
ILOAD (mA)
5.00
4.90
4.91
4.92
4.93
4.94
4.95
4.96
4.97
4.98
4.99
Figure 13. Output Voltage (VOUT) vs. Load Current (ILOAD), ADM7151-04,
VOUT = 5 V
VIN (V)
16
12
14
10
8
6
4.90
4.91
4.92
4.93
4.94
4.95
4.96
4.97
4.98
4.99
5.00
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 200mA
LOAD = 400mA
LOAD = 800mA
Figure 14. Output Voltage (VOUT) vs. Input Voltage (VIN), ADM7151-04,
VOUT = 5 V
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 200mA
LOAD = 400mA
LOAD = 800mA
10
0
1
2
3
4
5
6
7
8
9
Figure 15. Ground Current vs. Junction Temperature (TJ), ADM7151-04,
VOUT = 5 V
1
10
100
1000
ILOAD (mA)
10
0
1
2
3
4
5
6
7
8
9
Figure 16. Ground Current vs. Load Current (ILOAD), ADM7151-04,
VOUT = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com