Electronic Components Datasheet Search
  English  ▼

X  

ADAQ4003BBCZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADAQ4003BBCZ
Description  18-Bit, 2 MSPS, 關Module Data Acquisition Solution
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ4003BBCZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADAQ4003BBCZ Datasheet HTML 22Page - Analog Devices ADAQ4003BBCZ Datasheet HTML 23Page - Analog Devices ADAQ4003BBCZ Datasheet HTML 24Page - Analog Devices ADAQ4003BBCZ Datasheet HTML 25Page - Analog Devices ADAQ4003BBCZ Datasheet HTML 26Page - Analog Devices ADAQ4003BBCZ Datasheet HTML 27Page - Analog Devices ADAQ4003BBCZ Datasheet HTML 28Page - Analog Devices ADAQ4003BBCZ Datasheet HTML 29Page - Analog Devices ADAQ4003BBCZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
ADAQ4003
Data Sheet
Rev. 0 | Page 26 of 35
STATUS WORD
The 6-bit status word can be appended to the end of a conversion
result, and the default conditions of these bits are shown in
Table 15. The status bits must be enabled in the register setting.
When the OV clamp flag is 0, this bit indicates an overvoltage
condition. The OV clamp flag status bit updates on a per
conversion basis.
The SDO line returns to high impedance after the sixth status
bit is clocked out (except in daisy-chain mode). The user is not
required to clock out all status bits to start the next conversion.
The serial interface timing for CS mode, 3-wire without busy
indicator, including status bits, is shown in Figure 54.
Table 15. Status Bits (Default Conditions)
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OV clamp flag
Span compression
High-Z mode
Turbo mode
Reserved
Reserved
SDO
D17
D16
D15
D1
D0
SCK
1
2
3
16
17
18
tSCK
tSCKL
tSCKH
tHSDO
tDSDO
CN V
CONVERSION
ACQUISITION
tCYC
ACQUISITION
SDI = 1
tCNVH
ACQ
tEN
23
24
tQUIET2
STATUS BITS B[5:0]
B1
tDIS
B0
22
tCONV
Figure 54. CS Mode, 3-Wire Without Busy Indicator Serial Interface Timing Diagram Including Status Bits (SDI High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com