Electronic Components Datasheet Search
  English  ▼

X  

MAX3869E/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3869E/D
Description  3.3V, 2.5Gbps SDH/SONET Laser Driver with Current Monitors and APC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3869E/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3869E/D Datasheet HTML 1Page - Maxim Integrated Products MAX3869E/D Datasheet HTML 2Page - Maxim Integrated Products MAX3869E/D Datasheet HTML 3Page - Maxim Integrated Products MAX3869E/D Datasheet HTML 4Page - Maxim Integrated Products MAX3869E/D Datasheet HTML 5Page - Maxim Integrated Products MAX3869E/D Datasheet HTML 6Page - Maxim Integrated Products MAX3869E/D Datasheet HTML 7Page - Maxim Integrated Products MAX3869E/D Datasheet HTML 8Page - Maxim Integrated Products MAX3869E/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
+3.3V, 2.5Gbps SDH/SONET Laser Driver
with Current Monitors and APC
2
_______________________________________________________________________________________
IMD = 1mA
IMD = 18µA
90
ENABLE = low (Note 4)
APC open loop
(Note 3)
900
(Note 2)
(Note 5)
Sourcing 50µA
ENABLE, LATCH
(Note 6)
ENABLE, LATCH
IBIAS = 100mA
APC open loop
Figure 1
PECL compatible
Sinking 100µA
CONDITIONS
%
-15
15
Monitor-Diode Bias Absolute
Accuracy
ppm/°C
-480
50
480
Monitor-Diode Bias Setpoint
Stability
µA
18
1000
IMD
Monitor-Diode DC Current Range
V
1.5
Monitor-Diode Reverse Bias
Voltage
V
0.1
0.44
TTL Output Low Voltage FAIL
µA
100
IBIAS-OFF
Bias Off-Current
mA
1
100
IBIAS
mA
64
112
ICC
Supply Current
Bias Current Range
V
2.4
VCC - 0.3
VCC
TTL Output High Voltage FAIL
V
0.8
TTL Input Low Voltage
V
2.0
TTL Input High Voltage
µA
-1
10
IIN
Clock and Data Input Current
ppm/°C
230
Bias-Current Stability
%
-15
15
(Note 5)
Bias-Current Absolute Accuracy
mVp-p
200
1600
VID
Differential Input Voltage
V
VCC -
VCC -
VCC -
1.49
1.32
VID/4
VICM
Common-Mode Input Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.14V to +5.5V, TA = -40°C to +85°C. Typical values are at VCC = +3.3V, IMOD = 30mA, IBIAS = 60mA, TA = +25°C, unless
otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage, VCC............................................. -0.5V to +7.0V
Current into BIAS ...........................................-20mA to +150mA
Current into OUT+, OUT- ................................-20mA to +100mA
Current into MD.....................................................-5mA to +5mA
Voltage at DATA+, DATA-, CLK+, CLK-, ENABLE,
LATCH, FAIL, BIASMON, MODMON .....-0.5V to (VCC + 0.5V)
Voltage at APCFILT, CAPC, MODSET,
BIASMAX, APCSET ...........................................-0.5V to +3.0V
Voltage at OUT+, OUT-.............................+1.5V to (VCC + 1.5V)
Voltage at BIAS .........................................+1.0V to (VCC + 0.5V)
Continuous Power Dissipation (TA = +85°C)
32-Pin TQFP-EP (derate 22.2mW/°C above +85°C) ..1444mW
32-Pin QFN (derate 20.84mW/°C above +85°C) .......1667mW
Storage Temperature Range .............................-65°C to +165°C
Operating Junction Temperature Range ...........-55°C to +150°C
Processing Temperature (die) .........................................+400°C
Lead Temperature (soldering, 10s) .................................+300°C
ABSOLUTE MAXIMUM RATINGS
IBIAS/IBIASMON
A/A
37
ABIAS
BIASMON to IBIAS Gain
IMOD/IMODMON
A/A
29
AMOD
MODMON to IMOD Gain
IBIAS = 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com