Electronic Components Datasheet Search
  English  ▼

X  

TLHO420 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLHO420
Description  High Efficiency LED in Ø 3 mm Tinted Non-Diffused Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHO420 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLHO420 Datasheet HTML 1Page - Vishay Siliconix TLHO420 Datasheet HTML 2Page - Vishay Siliconix TLHO420 Datasheet HTML 3Page - Vishay Siliconix TLHO420 Datasheet HTML 4Page - Vishay Siliconix TLHO420 Datasheet HTML 5Page - Vishay Siliconix TLHO420 Datasheet HTML 6Page - Vishay Siliconix TLHO420 Datasheet HTML 7Page - Vishay Siliconix TLHO420 Datasheet HTML 8Page - Vishay Siliconix TLHO420 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TLHG420., TLHO420., TLHR420., TLHY420.
www.vishay.com
Vishay Semiconductors
Rev. 2.3, 26-Feb-18
3
Document Number: 83005
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Luminous intensity is tested at a current pulse duration of 25 ms. The above type numbers represent the order groups which include only a
few brightness groups. Only one group will be shipped on each bag (there will be no mixing of two groups in each bag).
In order to ensure availability, single brightness groups will not be orderable. In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped on any one bag. In order to ensure availability, single wavelength groups
will not be orderable
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLHY420., YELLOW
PARAMETER
TEST CONDITION
PARTS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 10 mA
TLHY4200
IV
410
-
mcd
TLHY4201
IV
6.3
15
-
mcd
TLHY4205
IV
10
20
-
mcd
Dominant wavelength
IF = 10 mA
λd
581
-
594
nm
Peak wavelength
IF = 10 mA
λp
-
585
-
nm
Angle of half intensity
IF = 10 mA
j
-± 22
-
deg
Forward voltage
IF = 20 mA
VF
-2.4
3
V
Reverse current
VR = 6 V
IR
-
-
10
μA
Junction capacitance
VR = 0 V , f = 1 MHz
Cj
-50-
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLHG420., GREEN
PARAMETER
TEST CONDITION
PARTS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 10 mA
TLHG4200
IV
6.3
10
-
mcd
TLHG4201
IV
10
15
-
mcd
TLHG4205
IV
16
20
-
mcd
Dominant wavelength
IF = 10 mA
λd
562
-
575
nm
Peak wavelength
IF = 10 mA
λp
-
565
-
nm
Angle of half intensity
IF = 10 mA
ϕ
-± 22
-
deg
Forward voltage
IF = 20 mA
VF
-2.4
3
V
Reverse current
VR = 6 V
IR
--
10
μA
Junction capacitance
VR = 0 V , f = 1 MHz
Cj
-50
-
pF
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LUMINOUS INTENSITY (mcd)
STANDARD
MIN.
MAX.
N2.5
5
P4
8
Q
6.3
12.5
R10
20
S16
32
T25
50
U40
80
V
63
125
W
100
200
X
130
260
Y
180
360
Z
240
480
AA
320
640
BB
430
860
CC
575
1150
DD
750
1500



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com