Electronic Components Datasheet Search
  English  ▼

X  

TLLR540 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TLLR540
Description  Low Current LED in Ø 5 mm Tinted Diffused Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLLR540 Datasheet(HTML) 6 Page - Vishay Siliconix

  TLLR540 Datasheet HTML 1Page - Vishay Siliconix TLLR540 Datasheet HTML 2Page - Vishay Siliconix TLLR540 Datasheet HTML 3Page - Vishay Siliconix TLLR540 Datasheet HTML 4Page - Vishay Siliconix TLLR540 Datasheet HTML 5Page - Vishay Siliconix TLLR540 Datasheet HTML 6Page - Vishay Siliconix TLLR540 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TLLR540., TLLY540., TLLG540.
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 27-Sep-2021
6
Document Number: 83030
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters
TAPE DIMENSIONS
Packing
Quantity
Bulk
1 x 4000
A
C
1.1 ± 0.25
0.5
+ 0.15
- 0.05
Ø 5 ± 0.15
2.54 nom.
0.5 + 0.15
- 0.05
Area not plane
technical drawings
according to DIN
specifications
R 2.49 (sphere)
6.544-5258.02-4
Issue: 7; 23.07.10
95 10916



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com