Electronic Components Datasheet Search
  English  ▼

X  

TLMY1000 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLMY1000
Description  Low Current 0603 SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMY1000 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLMY1000 Datasheet HTML 1Page - Vishay Siliconix TLMY1000 Datasheet HTML 2Page - Vishay Siliconix TLMY1000 Datasheet HTML 3Page - Vishay Siliconix TLMY1000 Datasheet HTML 4Page - Vishay Siliconix TLMY1000 Datasheet HTML 5Page - Vishay Siliconix TLMY1000 Datasheet HTML 6Page - Vishay Siliconix TLMY1000 Datasheet HTML 7Page - Vishay Siliconix TLMY1000 Datasheet HTML 8Page - Vishay Siliconix TLMY1000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TLMO1000, TLMS1000, TLMY1000
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 03-Sep-2018
2
Document Number: 83172
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Wavelengths are tested at a current pulse duration of 25 ms and an accuracy of ± 1 nm
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLMS1000, RED
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 2 mA
IV
1.8
4
-
mcd
Dominant wavelength
IF = 2 mA
d
624
628
636
nm
Peak wavelength
IF = 2 mA
p
-
640
-
nm
Angle of half intensity
IF = 2 mA
-± 80
-
°
Forward voltage
IF = 2 mA
VF
-1.8
2.6
V
Reverse voltage
IR = 10 μA
VR
6-
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-15-
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLMO1000, SOFT ORANGE
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 2 mA
IV
3.55
7.5
-
mcd
Dominant wavelength
IF = 2 mA
d
600
605
609
nm
Peak wavelength
IF = 2 mA
p
-
610
-
nm
Angle of half intensity
IF = 2 mA
-± 80
-
°
Forward voltage
IF = 2 mA
VF
-1.8
2.6
V
Reverse voltage
IR = 10 μA
VR
6-
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-15-
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLMY1000, YELLOW
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 2 mA
IV
3.55
7.5
-
mcd
Dominant wavelength
IF = 2 mA
d
580
588
595
nm
Peak wavelength
IF = 2 mA
p
-
591
-
nm
Angle of half intensity
IF = 2 mA
-± 80
-
°
Forward voltage
IF = 2 mA
VF
-1.8
2.6
V
Reverse voltage
IR = 10 AVR
6-
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-15-
pF
COLOR CLASSIFICATION
GROUP
DOMINANT WAVELENGTH (nm)
YELLOW
ORANGE
MIN.
MAX.
MIN.
MAX.
2
580
583
600
603
3
583
586
602
605
4
586
589
604
607
5
589
592
606
609
6
592
595



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com