Electronic Components Datasheet Search
  English  ▼

X  

PI3USB4000D Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PI3USB4000D
Description  Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3USB4000D Datasheet(HTML) 5 Page - Diodes Incorporated

  PI3USB4000D Datasheet HTML 1Page - Diodes Incorporated PI3USB4000D Datasheet HTML 2Page - Diodes Incorporated PI3USB4000D Datasheet HTML 3Page - Diodes Incorporated PI3USB4000D Datasheet HTML 4Page - Diodes Incorporated PI3USB4000D Datasheet HTML 5Page - Diodes Incorporated PI3USB4000D Datasheet HTML 6Page - Diodes Incorporated PI3USB4000D Datasheet HTML 7Page - Diodes Incorporated PI3USB4000D Datasheet HTML 8Page - Diodes Incorporated PI3USB4000D Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
PI3USB4000D
A Product Line of
Diodes Incorporated
www.diodes.com
February 2021
Diodes Incorporated
PI3USB4000D
Document Number DS41992 Rev 2-2
Dynamic Electrical Characteristics
(TA = -40°C to 85°C, Typical values are at VDD = 3.3V, TA = 25°C, (unless otherwise noted))
Parameter
Description
Test Conditions
Min.
Typ. Max. Units
Control Pins – EN/SEL
CI
Input Capacitance
f=1MHz
5
pF
High Speed IO – L0/L1/C0
Con
ON Capacitance
f=1MHz
7
pF
Coff
OFF Capacitance
f=1MHz
9
pF
DDIL
Insertion Loss
f=240MHz
-0.5
dB
DDRL
Differential Return Loss
f=240MHz
-15
dB
DDOI
Differential OFF Isolation
f=240MHz
-30
dB
f=100kHz
-80
dB
DDXT
Differential Crosstalk
f=240MHz
-35
dB
BW
-3dB Bandwidth
1
GHz
Switching Characteristics(1)
(TA = -40°C to 85°C, Typical values are at VDD = 3.3V, TA = 25°C, (unless otherwise noted))
Parameter
Description
Test Conditions
Min.
Typ. Max. Units
tOVP
OVP Response Time(1)
RLX = 600Ω, time from the
voltage on C0± = 4~6V to the
voltage on LX± = 4.75V
0.5
1
µs
tPZH, tPZL
Line Enable Time
See Test Circuit for Electrical
Characteristics
20
µs
tPHZ, tPLZ
Line Disable Time
50
ns
tPd
Propagation Delay
250
ps
tb-b
Bit-to-bit Skew Within the Same Dif-
ferential Pair(1)
8
20
ps
Ton
Device Enable Time
100
µs
Toff
Device Disable Time
50
ns
Note:
1. Guaranteed by design.
Parameter
Description
Test Conditions
Min. Typ. Max. Units
IOVP
Leakage current on C0+/C0- in OVP
mode
VDD = 3.3V, VC0+ or VC0- =
20V
1
mA
ZON_GND
On-State impedance to GND
SEL = H or L VI/O = 0-3.6V
4
7
MΩ
DC Electrical Characteristics for Switching over Operating Range Cont.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com