Electronic Components Datasheet Search
  English  ▼

X  

PI3USB9201 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI3USB9201
Description  Dual-Role USB Charging-Type Detector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3USB9201 Datasheet(HTML) 1 Page - Diodes Incorporated

  PI3USB9201 Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A product Line of
Diodes Incorporated
diodes.com | 1-408-232-9100
PRODUCT BRIEF
PI3USB9201
Dual-Role USB Charging-Type Detector
Applications
Features
Description
¼
¼
Mobile Devices
Page 1 of 1
Ordering Information
Part Number
Package
Description
PI3USB9201ZTAEX
ZTA
12-Pin, 2x2mm (UQFN)
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU
(RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes
Incorporated’s definitions of Halogen- and Antimony-free, “Green” and Lead-free.
3. Halogen- and Antimony-free “Green” products are defined as those which contain
<900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.
4. E = Pb-free and Green
5. X suffix = Tape/Reel
Block Diagram
b
P
Lead-free Green
USB
Port
USB
Data Switch
USB+
USB-
Switch Control
and I C Slave
2
Charger
Detect
SDA
SCL
INTB
ADDR
ENB
D+
D-
¼
Î
Host Mode – SDP/CDP/DCP
¼
y
USB Device Plug-in and Unplug Detection in SDP/CDP
modes
¼
y
Support USB Switch Pass-through for Mouse/Keyboard
Wake up
¼
Î
Client Mode USB Charging-type detection
¼
y
Battery Charging 1.2 SDP/CDP/DCP
¼
y
Proprietary 1A/2A/2.4A Modes
¼
Î
Differential Bi-Directional USB Switches
¼
Î
Wide Bandwidth: 2GHz
¼
Î
1MHz I2C Interface for Control and Communication with Pin
Selection of up to Four Slave Addresses
¼
Î
Shutdown Mode of <1µA Current Consumption
¼
Î
Wide Power Supply Range : 2.7V – 5.5V
¼
Î
Industrial Temperature Range: -40oC to 85oC
¼
Î
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
¼
Î
Halogen and Antimony Free. “Green” Device (Note 3)
¼
Î
Packaging (Pb-free & Green):
¼
y
12- contact, UQFN 2mm x2mm
PI3USB9201 is a dual-role BC1.2-compliance charging-type de-
tector. It can be programmed to operate in host mode or client
mode through I2C.
Particularly for USB-C application with bottom and top D+/- pins
common at USB-C connector, when device attachment is detected
by USB-C detector, which can program PI3USB9201 to perform
BC1.2-compliance charging-type detections on D+/- connection.
When operating as a host, PI3USB9201 enables BC1.2 SDP/CDP/
DCP advertisement to the attached USB devices. When operating
as a client, PI3USB9201 starts BC1.2 detection to detect the at-
tached host type. In both host mode and client mode, the detection
results are reported through I2C to the controller.
The PI3USB9201 can operate over a temperature range of -40 to
+85° in a tiny 12- contact QFN 2mm x2mm package.


Similar Part No. - PI3USB9201

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3USB9281 DIODES-PI3USB9281 Datasheet
404Kb / 13P
USB 2.0 Port Protection with Charger Detection
04/28/14
PI3USB9281GEE DIODES-PI3USB9281GEE Datasheet
404Kb / 13P
USB 2.0 Port Protection with Charger Detection
04/28/14
More results

Similar Description - PI3USB9201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB6020 TI-TUSB6020 Datasheet
230Kb / 12P
USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
TUSB6020 TI-TUSB6020_08 Datasheet
485Kb / 20P
USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
logo
Injoinic Technology Co....
IP2112 INJOINIC-IP2112 Datasheet
1Mb / 12P
Single/dual USB port charging protocol IC
logo
Shenzhen Huazhimei Semi...
HM261XX HMSEMI-HM261XX Datasheet
1Mb / 8P
Single/dual USB port charging protocol IC
logo
Prolific Technology Inc...
PL2887 PROLIFIC-PL2887 Datasheet
204Kb / 1P
USB Type-C Charging Controller
MA5889 PROLIFIC-MA5889 Datasheet
200Kb / 2P
USB Fast Charging Controller
logo
Tripp Lite. All Rights ...
U280-C02-C1A1 TRIPPLITE-U280-C02-C1A1 Datasheet
162Kb / 3P
Dual-Port USB Car Charger with PD Charging - USB Type C (27W) & USB Type A (5V 1A/5W), UL 2089
logo
NXP Semiconductors
FRDM-K64F NXP-FRDM-K64F Datasheet
1Mb / 20P
Dual role USB interface with micro-B USB connector
Rev. 1,08/2016
logo
STMicroelectronics
X-NUCLEO-DRP1M1 STMICROELECTRONICS-X-NUCLEO-DRP1M1 Datasheet
1Mb / 33P
USB-C protection for dual role power (DRP)
04-Oct-2021
logo
Coolgear Inc.
CG-PDC65W-PCBA COOLGEAR-CG-PDC65W-PCBA Datasheet
96Kb / 2P
ChargeIT! 65 Watt USB Type C Charging Board w/ PPS Charging Support
Rev 05.220909
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com