Electronic Components Datasheet Search
  English  ▼

X  

PI49FCT3805 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PI49FCT3805
Description  3.3V Fast CMOS Buffer/Clock Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI49FCT3805 Datasheet(HTML) 3 Page - Diodes Incorporated

  PI49FCT3805 Datasheet HTML 1Page - Diodes Incorporated PI49FCT3805 Datasheet HTML 2Page - Diodes Incorporated PI49FCT3805 Datasheet HTML 3Page - Diodes Incorporated PI49FCT3805 Datasheet HTML 4Page - Diodes Incorporated PI49FCT3805 Datasheet HTML 5Page - Diodes Incorporated PI49FCT3805 Datasheet HTML 6Page - Diodes Incorporated PI49FCT3805 Datasheet HTML 7Page - Diodes Incorporated PI49FCT3805 Datasheet HTML 8Page - Diodes Incorporated PI49FCT3805 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
A product Line of
Diodes Incorporated
PI49FCT3805/PI49FCT3806
www.diodes.com
September 2020
Diodes Incorporated
PI49FCT3805/PI49FCT3806
Document Number DS43194 Rev 1-2
Storage Temperature................................................................–65°C to +150°C
Ambient Temperature with Power Applied.......................... –40°C to +85°C
Supply Voltage to Ground Potential (Inputs & Vcc Only)....–0.5V to +7.0V
Supply Voltage to Ground Potential (Outputs & I/O Only).–0.5V to +7.0V
DC Input Voltage ........................................................................–0.5V to +7.0V
DC Output Current ................................................................................ 120 mA
Power Dissipation ........................................................................................0.5W
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
DC Electrical Characteristics (TA = –40°C to +85°C, VCC = 3.3V ±0.3V)
Symbol Parameter
Test Condition(1)
Min.
Typ.
Max.
Units
VOH
Output High Voltage
VCC = 3.0V, VIN = VIL or VIH
VCC = Min.,
VIN = VIH or VIL
IOH = -0.1mA
IOH = -8mA
VCC -0.2
2.4 (3)
-
3.0
V
VOL
Output Low Voltage
VCC = 3.0V, VIN = VIL or VIH
VCC = Min.,
VIN = VIH or VIL
IOL = 0.1mA
IOL = 16mA
IOL = 24mA
-
0.2
0.3
0.2
0.4
0.5
VIH
Input High Voltage
Guaranteed Logic
HIGH level
Input Pins
2.0
5.5
VIL
Input Low Voltage
Guaranteed Logic
LOW level
Input Pins
-0.5
0.8
IIH
Input High Current
VCC = Max
VIN = VCC
(Input Pins)
-1
1
µA
IIL
Input Low Current
VCC = Max
VIN = GND
(Input & I/O
Pins)
-1
1
IOZH
High Impedance Output
Current
VCC = Max.,
All outputs Disabled
VOUT = VCC
VOUT = GND
-1
1
IOZL
High Impedance Output
Current
VCC = Max.,
All outputs Disabled
VOUT = VCC
VOUT = GND
-1
1
VIK
Clamp Diode Voltage
VCC = Min., IIN = -18mA
-0.7
-1.2
V
IODH
Output HIGH Current
VOUT = 3.3V, VIN =VIL or VIH,
VOUT = 1.5V(4)
-35
-86
-110
mA
IODL
Output LOW Current
VOUT = 3.3V, VIN = VIL or VIH,
VOUT = 1.5V(4)
50
168
200
IOS
Short Circuit(5) Current
VCC = Max., VOUT = GND(5)
-60
-135
-240
VH
Input Hysteresis
150
mV
Note:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, +25°C ambient and maximum loading.
3. VOH = VCC – 0.6V at rated current.
4. This parameter is determined by device characterization but is not production tested.
5. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com