Electronic Components Datasheet Search
  English  ▼

X  

TM5STI4ATCFS Datasheet(PDF) 2 Page - Schneider Electric

Part # TM5STI4ATCFS
Description  Analog input module, Modicon TM5, FS, 2I, thermocouple J/K/N/S/R/C/T, 24 bits
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM5STI4ATCFS Datasheet(HTML) 2 Page - Schneider Electric

  TM5STI4ATCFS Datasheet HTML 1Page - Schneider Electric TM5STI4ATCFS Datasheet HTML 2Page - Schneider Electric TM5STI4ATCFS Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Isolation
500 Vrms AC insulation between channel and bus
No insulation between channels
Supply
Internal
[Us] rated supply voltage
24 V DC -15...20 %
Common mode rejection
> 70 dB
Local signalling
1 LED green for power supply
1 LED red for power supply
6 LEDs green for input status
Current consumption
2 mA at 5 V DC bus
30 mA at 24 V DC input/output
Maximum power dissipation in
W
0.73 W
Marking
CE
Net weight
0.066 kg
Environment
Standards
EN 50156-1
IEC 62061
IEC 61508
ISO 13849-1
UL 508
IEC 61511
Product certifications
cULus
CSA
Ambient air temperature for
operation
0…40 °C (vertical installation)
0…55 °C (horizontal installation)
Ambient air temperature for
storage
-25…70 °C
Relative humidity
5…95 % without condensation
IP degree of protection
IP20 conforming to IEC 61131-2
Pollution degree
2 conforming to IEC 60664
Operating altitude
0...2000 m
Storage altitude
0…3000 m
Vibration resistance
1 gn at 8.4…150 Hz on DIN rail
3.5 mm at 5…8.4 Hz on DIN rail
Shock resistance
15 gn for 11 ms
Resistance to electrostatic
discharge
4 kV on contact conforming to EN/IEC 61000-4-2
8 kV in air conforming to EN/IEC 61000-4-2
Resistance to electromagnetic
fields
1 V/m 2...2.7 GHz conforming to EN/IEC 61000-4-3
10 V/m 80...2000 MHz conforming to EN/IEC 61000-4-3
Resistance to fast transients
1 kV (I/O) conforming to EN/IEC 61000-4-4
1 kV (shielded cable) conforming to EN/IEC 61000-4-4
2 kV (power lines) conforming to EN/IEC 61000-4-4
Surge withstand
0.5 kV differential mode conforming to EN/IEC 61000-4-5
1 kV common mode conforming to EN/IEC 61000-4-5
Electromagnetic compatibility
EN/IEC 61000-4-6
Disturbance radiated/
conducted
CISPR 11
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
66.0 g
Package 1 Height
3.1 cm
2
Apr 8, 2022



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com