Electronic Components Datasheet Search
  English  ▼

X  

MAX3667E/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3667E/D
Description  3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3667E/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3667E/D Datasheet HTML 1Page - Maxim Integrated Products MAX3667E/D Datasheet HTML 2Page - Maxim Integrated Products MAX3667E/D Datasheet HTML 3Page - Maxim Integrated Products MAX3667E/D Datasheet HTML 4Page - Maxim Integrated Products MAX3667E/D Datasheet HTML 5Page - Maxim Integrated Products MAX3667E/D Datasheet HTML 6Page - Maxim Integrated Products MAX3667E/D Datasheet HTML 7Page - Maxim Integrated Products MAX3667E/D Datasheet HTML 8Page - Maxim Integrated Products MAX3667E/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
+3.3V, 622Mbps SDH/SONET Laser Driver
with Automatic Power Control
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.3V ±5%, TA = -40°C to +85°C, unless otherwise noted.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage, VCC..............................................-0.5V to +7.0V
Current into IBIAS..............................................-50mA to 350mA
Current into IMOD .............................................-50mA to 200mA
Current into MD ..................................................................±7mA
Voltage at APC, MODMON,
BIASMON, COMP....................................-0.5V to (VCC + 0.5V)
Voltage at IN+, IN-, DISABLE, MODSET,
BISASSET, APCSET, PULLUP..................-0.5V to (VCC + 0.5V)
Continuous Power Dissipation (TA = +85°C)
TQFP (derate 11.1mW/°C above +85°C) ......................721mW
Operating Temperature Range ...........................-40°C to +85°C
Operating Junction Temperature Range (die) ..-55°C to +175°C
Processing Temperature (die) .........................................+400°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
VIN = 1.82V
VIN = 2.14V
Disable = high
(Note 5)
RAPCSET = 33.2k
Ω
Closed loop (Note 4)
RAPCSET = 2k
Ω
RMODSET = 33.2k
Ω (Note 10)
RMODSET = 2k
Ω (Note 10)
RMODSET = 33.2k
Ω, open loop (Note 8)
RMODSET = 2k
Ω, open loop (Note 8)
RBIASSET = 33.2k
Ω
RBIASSET = 2k
Ω
RBIASSET = 2k
Ω, closed loop (Notes 4, 9)
RBIASSET = 33.2k
Ω, open loop (Note 8)
Disable = high
Disable = high or low
RMODSET = 2k
Ω (Note 10)
RBIASSET = 2k
Ω, open loop (Note 8)
RBIASSET = 2k
Ω
CONDITIONS
V
2.0
VDIH
TTL Disable High Voltage
µA
210
IIH
PECL Input Low Current
µA
4.5
10
IIH
PECL Input High Current
V
1.82
VIL
PECL Input Low Voltage
V
2.14
VIH
PECL Input High Voltage
164
205
250
A/A
135
170
205
AI
IAPCSET to IBIAS Gain
152
190
230
A/A
152
190
230
AI
IMODSET to IQMOD Gain
128
160
195
A/A
145
170
200
AI
IBIASSET to IBIAS Gain
A/A
26
33
40
AI
MODMON to IQMOD Gain
A/A
30
38
46
AI
BIASMON to IBIAS Gain
µA
5
250
IBIAS
Bias Off Current
mA
590
IBIAS
mA
112
133
ICC
Supply Current (Note 3)
Bias Current Range
1100
ppm/°C
1100
Modulation Current Stability
480
1000
µA
20
250
IBIAS
Modulation Off Current
Ω
26
31
35
RPULLUP
Internal Pullup Resistor
(Note 6)
V
0.91
1.01
1.11
VREF
Reference Voltage (Note 7)
ppm/°C
500
Bias Current Stability
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
µA
4
IDIL
TTL Disable Low Current
µA
1
IDIH
TTL Disable High Current
V
0.8
VDIL
TTL Disable Low Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com