Electronic Components Datasheet Search
  English  ▼

X  

TLWR8902 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLWR8902
Description  TELUX LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLWR8902 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLWR8902 Datasheet HTML 1Page - Vishay Siliconix TLWR8902 Datasheet HTML 2Page - Vishay Siliconix TLWR8902 Datasheet HTML 3Page - Vishay Siliconix TLWR8902 Datasheet HTML 4Page - Vishay Siliconix TLWR8902 Datasheet HTML 5Page - Vishay Siliconix TLWR8902 Datasheet HTML 6Page - Vishay Siliconix TLWR8902 Datasheet HTML 7Page - Vishay Siliconix TLWR8902 Datasheet HTML 8Page - Vishay Siliconix TLWR8902 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TLWR8900, TLWR8901, TLWR8902, TLWY8900
www.vishay.com
Vishay Semiconductors
Rev. 2.5, 18-Apr-17
3
Document Number: 83212
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Wavelengths are tested at a current pulse duration of 25 ms and
an accuracy of ± 1 nm
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Forward Current vs. Pulse Length
Fig. 3 - Relative Luminous Intensity vs. Angular Displacement
Fig. 4 - Relative Intensity vs. Wavelength
COLOR CLASSIFICATION
GROUP
DOM. WAVELENGTH (nm)
YELLOW
RED
MIN.
MAX.
MIN.
MAX.
0
585
588
1
587
591
611
618
2
589
594
614
622
3
592
597
616
634
FORWARD VOLTAGE CLASSIFICATION
GROUP
FORWARD VOLTAGE (V)
MIN.
MAX.
Y
1.83
2.07
Z
1.95
2.19
0
2.07
2.31
1
2.19
2.43
2
2.31
2.55
3
2.43
2.67
0
20
40
60
80
100
0
20
40
60
80
100
120
Tamb - Ambient Temperature (°C)
18019
R
thJA = 200 K/W
red, yellow
0.01
0.1
1
10
1
10
100
1000
10 000
tp - Pulse Length (ms)
100
18020
tp/T = 0.01
0.02
0.05
0.1
0.2
1
0.5
red, yellow
Tamb ≤ 85 °C
16200
0.4
0.2
0
0.6
0.9
0°
30°
10°
20°
40°
50°
60°
70°
80°
1.0
0.8
0.7
0.0
0.2
0.4
0.6
0.8
1.0
1.2
570
590
610
630
650
670
λ- Wavelength (nm)
16007
red



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com