Electronic Components Datasheet Search
  English  ▼

X  

LNG302GPU Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LNG302GPU
Description  Direct Joint Type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LNG302GPU Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LNG302GPU Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Unit: mm
1: Anode
2: Cathode
173
PD(mW) IF(mA) IFP(mA)∗ VR(V) Topr(°C)
Tstg(°C)
Lighting Color
Green Clear
Orange Clear
Orange Clear
90
90
90
30
30
30
150
150
150
4
3
3
−25 ∼ +85 −30 ∼ +100
Square Type
s Absolute Maximum Ratings (T
a = 25°C)
Conventional Part No.
Global Prat No.
Lighting Color
LNG302GPU ············· LNG302GPU ······· Green Clear
LNG802RPD ············· LNG802RPD ······· Orange Clear
LNG802SPS ·············· LNG802SPS ········ Orange Clear
★ IFPの条件は,duty 10%,Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
−25 ∼ +85 −30 ∼ +100
−25 ∼ +85 −30 ∼ +100
LNG302GPU
LNG802RPD
LNG802SPS
Unit
Green
Orange
Orange
−
Clear
Clear
Clear
−
5.0
1.5
20
2.2
2.8
565
30
20
10
4
1.5
0.5
20
2.1
2.8
630
40
20
10
3
2.1
2.8
20
1.5
0.5
610
40
20
10
3
mcd
mcd
mA
V
V
nm
nm
mA
µAV
s Electro
−Optical Characteristics (T
a = 25°C)
Conventional
Part No.
Lighting
Color
Lens Color
IO
VF
Typ
Min
Typ
IF
Max
Typ
Typ
IF
Max
VR
λ
P
∆λ
IR
Direct Joint Type
カソードマーク
3.3
± 0.3
5.6
± 0.3
5.3
± 0.3
5.0
± 0.2
2.4
± 0.3
0.4
± 0.1
2.0
± 0.2
(R0.3)
(R0.2)
(R0.2)
(R0.15)
2
− 0.65 Max
2
− 0.4 ± 0.1
5.0
1
2
(R0.5)
5.8
± 0.3
IO Ta
500
300
100
10
Ambient Temperature
0
−20
80
100
60
40
20
1.6
1.8
2.0
2.4
2.2
3
1
5
10
100
300
50
100
50
30
5
3
10
1
30
10
5
0.5
0.3
1
0.1
Forward Current
Directive Characteristics
Ambient Temperature
Wavelength
IF VF
20
°
30
°
40
°
50
°
10
°
0
°
60
°
70
°
80
°
90
°
90
°
80
°
20
°
30
°
40
°
50
°
10
°
60
°
70
°
20
°
40
°
60
°
0
20
20
10
30
40
50
40
60
80
100
100
600
500
700
800
0
20
40
60
80
100
20
40
60
80
100
80
60
40
20
0
IF Ta
Forward Voltage
Relative Luminous Intensity
Wavelength Characteristics
Relative Luminous Intensity
IO IF
30
3
0
50
30
LNG802SPS
LNG802SPS
LNG302GPU
LNG302GPU
LNG802RPD
LNG802RPD
LNG802SPS
LNG802SPS
LNG302GPU
LNG302GPU
LNG302GPU
LNG802RPD
LNG802RPD
LNG802RPD
LNG802SPS
LNG802SPS
LNG802SPS
LNG802RPD
LNG802RPD
LNG802RPD
LNG302GPU
LNG302GPU
LNG302GPU
LNG802SPS
LNG802SPS
LNG802SPS


Similar Part No. - LNG302GPU

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNG301MPU PANASONIC-LNG301MPU Datasheet
30Kb / 1P
Directly Joint Type
LNG308CBG PANASONIC-LNG308CBG Datasheet
49Kb / 2P
pi 3.0 mm Series
LNG308GBG PANASONIC-LNG308GBG Datasheet
49Kb / 2P
pi 3.0 mm Series
LNG308MBG PANASONIC-LNG308MBG Datasheet
49Kb / 2P
pi 3.0 mm Series
LNG309CBG PANASONIC-LNG309CBG Datasheet
79Kb / 2P
Phi-4.0 mm Series
More results

Similar Description - LNG302GPU

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNG301MPU PANASONIC-LNG301MPU Datasheet
30Kb / 1P
Directly Joint Type
logo
KODENSHI_AUK CORP.
SG2C02 KODENSHI-SG2C02 Datasheet
152Kb / 3P
PWB direct mount type
SG2C05 KODENSHI-SG2C05 Datasheet
163Kb / 3P
PWB direct mount type
SG2C06 KODENSHI-SG2C06 Datasheet
155Kb / 2P
PWB direct mount type
SG2C09-S KODENSHI-SG2C09-S Datasheet
166Kb / 3P
PWB direct mount type
SG2C10 KODENSHI-SG2C10 Datasheet
167Kb / 3P
PWB direct mount type
SG-105LF KODENSHI-SG-105LF Datasheet
155Kb / 3P
PWB direct mount type
SG238V KODENSHI-SG238V Datasheet
143Kb / 2P
PWB direct mount type
SG282 KODENSHI-SG282 Datasheet
155Kb / 2P
PWB direct mount type
logo
List of Unclassifed Man...
JA6-3-050 ETC-JA6-3-050 Datasheet
1Mb / 17P
Floating Joint
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com