Electronic Components Datasheet Search
  English  ▼

X  

AD8675 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8675
Description  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8675 Datasheet(HTML) 5 Page - Analog Devices

  AD8675 Datasheet HTML 1Page - Analog Devices AD8675 Datasheet HTML 2Page - Analog Devices AD8675 Datasheet HTML 3Page - Analog Devices AD8675 Datasheet HTML 4Page - Analog Devices AD8675 Datasheet HTML 5Page - Analog Devices AD8675 Datasheet HTML 6Page - Analog Devices AD8675 Datasheet HTML 7Page - Analog Devices AD8675 Datasheet HTML 8Page - Analog Devices AD8675 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
Data Sheet
AD3552R
SPECIFICATIONS
analog.com
Rev. A | 5 of 68
Table 3.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
7.6
µVRMS
RFB2_x
15.4
µVRMS
RFB4_x
Total Harmonic Distortion
−105
dB
0 V to 5 V range, fOUT = 1 kHz
−101
dB
fOUT = 10 kHz
−84
dB
fOUT = 100 kHz
SFDR
−105
dB
0 V to 5 V range, fOUT = 1 kHz
1 See the Terminology section.
TIMING CHARACTERISTICS
VDD = 5.0 V ± 5%, DVDD = 1.8 V ± 5%, 1.1 V ≤ VLOGIC ≤ 1.9 V, −40°C ≤ TA ≤ +105°C, unless otherwise noted.
Table 4.
Parameter 1,2
Description
Min
Typ
Max
Unit
Test Conditions /
Comments
fSCLK
SCLK frequency
66
MHz
t1
SCLK cycle time
15.2
ns
tSCLK/2
SCLK half period
7.6
ns
t2
CS falling edge to first SCLK rising edge
5
ns
t3
Last SCLK sampling edge3 to CS rising edge
10
ns
t4
CS falling edge from SCLK sampling edge ignored
5
ns
t5
CS rising edge to SCLK rising edge ignored
5
ns
t6
Minimum CS high time
10
ns
t7
Data setup time
2
ns
t8
Data hold time
2
ns
t9
SCLK falling edge to SDO data valid
15
ns
1.7 < VLOGIC < 1.9
25
ns
1.1 < VLOGIC < 1.7
t10
SCLK sampling edge to LDAC falling edge
7.6
ns
t11
LDAC pulse width low
7.6
ns
t12
CS rising edge to SDO disabled
50
ns
t13
LDAC rising edge to CS falling edge
5
ns
t14
RESET pulse width low
10
ns
t14 to t19 shown in
Figure 12
t15
RESET pulse activation time
100
ns
t16
VOUT Update from CHx_DAC Register Write
12.6
ns
t17
VOUT update from LDAC falling edge
5
ns
t184
Wait time before DAC register access
100
ms
t195
Shutdown exit time
5
ms
Update Rate
Quad SPI mode, DDR and streaming enabled, precision
mode
22
MUPS6
Quad SPI mode, DDR and streaming enabled, fast mode
33
MUPS6
1 All input signals are specified with tR = tF = 1 ns/V (10% to 90%) and timed from a voltage level of (VIL + VIH)/2.
2 Guaranteed by design and characterization, not production tested.
3 The SCLK sampling edge refers to the SCLK edge where the data is read in (sampled)
4 Same timing must be expected at power-up from the instant that AVDD = 4 V or DVDD = 0.8 V.
5 Time required to exit power-down to normal mode.
6 MUPS is mega updates per second.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com