Electronic Components Datasheet Search
  English  ▼

X  

LT8300 Datasheet(PDF) 21 Page - Analog Devices

Part # LT8300
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8300 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8300 Datasheet HTML 17Page - Analog Devices LT8300 Datasheet HTML 18Page - Analog Devices LT8300 Datasheet HTML 19Page - Analog Devices LT8300 Datasheet HTML 20Page - Analog Devices LT8300 Datasheet HTML 21Page - Analog Devices LT8300 Datasheet HTML 22Page - Analog Devices LT8300 Datasheet HTML 23Page - Analog Devices LT8300 Datasheet HTML 24Page - Analog Devices LT8300 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 21 of 75
2.00µs
VDPC+
IOUT
10.0mV
B
W
AVDD1 = VDPC+ = +15V
AVDD2 = +5V, AVSS = –15V
0mA TO 24mA MIDSCALE CODE
TA = 25°C
1kΩ LOAD
CLOAD = 2nF
Figure 31. Output Current Ripple vs. Time with DC-to-DC Converter
–120
–100
–80
–60
–40
–20
0
20
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
TA = 25°C
AVDD2 = +5V
VDPC+ = +15V
AVSS = –15V
300Ω LOAD
0mA TO 24mA RANGE
Figure 32. IOUT PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com