Electronic Components Datasheet Search
  English  ▼

X  

VGS-75-5 Datasheet(PDF) 2 Page - CUI INC

Part # VGS-75-5
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGS-75-5 Datasheet(HTML) 2 Page - CUI INC

  VGS-75-5 Datasheet HTML 1Page - CUI INC VGS-75-5 Datasheet HTML 2Page - CUI INC VGS-75-5 Datasheet HTML 3Page - CUI INC VGS-75-5 Datasheet HTML 4Page - CUI INC VGS-75-5 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date 06/07/2016
│ page 2 of 5
CUI Inc
│ SERIES: VGS-75 │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage range
withstand 300 Vac surge for 5 seconds
without damage
88
125
264
373
Vac
Vdc
frequency range
50
60
Hz
current
at 115 Vac, cold start
at 230 Vac, cold start
2
1
A
A
inrush current
at 230 Vac, full load, cold start
40
A
leakage current
at 230 Vac
2
mA
OUTPUT
parameter
conditions/description
min
typ
max
units
voltage adjust
±10
voltage tolerance
3.3 V models
5 V models
all other models
±3
±2
±1
%
%
%
line regulation
low line to high line
±0.5
%
load regulation
from 0% to full load
3.3 V models
5 V models
all other models
±3.0
±2.0
±0.5
%
%
%
rise time
at 115/230 Vac, full load
80
ms
hold-up time
at 115 Vac, cold start
at 230 Vac, cold start
10
32
ms
ms
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over load
Hiccup mode, auto recovery
110
%
over voltage
latch off mode
115
150
%
short circuit
continuous
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output:
input to frame ground:
output to frame ground:
4,242
2,121
707
Vdc
Vdc
Vdc
insulation resistance
input to output, input to frame ground, output to
frame ground at 500 Vdc
100
MΩ
safety approvals
UL 60950-1 / TUV EN 60950-1
EMI/EMC
EN 55022: 1998+A1 : 2000+A2 : 2003 Class B, EN 61000-3-2 : 2000+A2
: 2005 Class A, EN 61000-3-3 : 1995+A1 : 2001, EN 61204-3 : 2000 EN
50204 1998+A1 : 2001+A2 : 2003 light industry level, criteria A
RoHS compliant
2011/65/EU
MTBF
as per MIL-HDBK-217F, 25°C
351,000
hrs
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-25
70
°C
storage temperature
see derating curve
-40
85
°C
operating humidity
non-condensing
20
90
%
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com