Electronic Components Datasheet Search
  English  ▼

X  

161981 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 161981
Description  Proportional directional control valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

161981 Datasheet(HTML) 1 Page - Festo Corporation.

  161981 Datasheet HTML 1Page - Festo Corporation. 161981 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Proportional directional control valve
MPYE-5-3/8-420-B
Part number: 161981
Data sheet
Feature
Value
Nominal width
10 mm
Actuation type
Electrical
Sealing principle
Hard
Mounting position
Any
Structural design
Piston gate valve
Reset method
Magnetic spring
Safety instructions
MPYE safety position: if the power supply cable breaks, the blocked
mid-position is approached.
Type of control
Direct
Flow direction
Non-reversible
Symbol
00995308
Valve function
5/3, closed
Reverse polarity protection
for setpoint value
Operating pressure
0 MPa ... 1 MPa
Operating pressure
0 bar ... 10 bar
b-value
0.21
C value
9 l/sbar
Standard nominal flow rate
2000 l/min
Cut-off frequency
70 Hz
Max. hysteresis
0.4 %
DC operating voltage range
17 V ... 30 V
Residual ripple
5 %
Setpoint/actual values
Current type 4–20 mA
Certification
RCM compliance mark
KC characters
KC EMC
CE marking (see declaration of conformity)
As per EU EMC directive
Operating medium
Compressed air as per ISO 8573-1:2010 [6:4:4]
Information on operating and pilot media
Operation with oil lubrication not possible
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS conformity
VDMA24364-B2-L
Temperature of medium
5 °C ... 40 °C
Degree of protection
IP65
Ambient temperature
0 °C ... 50 °C
Product weight
685 g
4/19/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 161981

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1619810000 WEIDMULLER-1619810000 Datasheet
295Kb / 5P
SL 3.50/21/90F 3.2SN OR BX
More results

Similar Description - 161981

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VPWS-1.5-B-6-PC15-8-V FESTO-VPWS-1.5-B-6-PC15-8-V Datasheet
87Kb / 2P
Proportional directional control valve
8074537 FESTO-8074537 Datasheet
80Kb / 2P
Proportional directional control valve
1/21/22
151692 FESTO-151692 Datasheet
100Kb / 2P
Proportional directional control valve
4/19/22
151693 FESTO-151693 Datasheet
100Kb / 2P
Proportional directional control valve
4/19/22
151694 FESTO-151694 Datasheet
99Kb / 2P
Proportional directional control valve
4/19/22
151695 FESTO-151695 Datasheet
100Kb / 2P
Proportional directional control valve
4/19/22
161978 FESTO-161978 Datasheet
100Kb / 2P
Proportional directional control valve
4/19/22
161980 FESTO-161980 Datasheet
100Kb / 2P
Proportional directional control valve
4/19/22
162959 FESTO-162959 Datasheet
99Kb / 2P
Proportional directional control valve
4/19/22
8074538 FESTO-8074538 Datasheet
66Kb / 2P
Proportional directional control valve
11/29/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com