Electronic Components Datasheet Search
  English  ▼

X  

0622018650 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 0622018650
Description  Daughter Card Module Installation Press-In Tool for 3-Pair by 16-Column Assemblies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

0622018650 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  0622018650 Datasheet HTML 1Page - Molex Electronics Ltd. 0622018650 Datasheet HTML 2Page - Molex Electronics Ltd. 0622018650 Datasheet HTML 3Page - Molex Electronics Ltd. 0622018650 Datasheet HTML 4Page - Molex Electronics Ltd. 0622018650 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Male Header,
Right Guide,
Open Endwall,
16 Columns, 144
Circuits, Pin Length
4.90mm, Plated
Through Hole
Dimension 0.39mm,
Lead-Free
Impact 100 Ohm
3 Pair Right-Angle
Male Header,
Right Guide,
Open Endwall,
16 Columns, 144
Circuits, Pin Length
5.50mm, Plated
Through Hole
Dimension 0.39mm,
Tin (Sn)
764105608
Impact 100 Ohm
3 Pair Right-Angle
Male Header,
Right Guide,
Open Endwall,
16 Columns, 144
Circuits, Pin Length
4.90mm, Plated
Through Hole
Dimension 0.39mm,
Keying Orientation A,
Lead-Free
764105617
Impact 100 Ohm
3 Pair Right-Angle
Male Header,
Left Guide, Right
Endwall, 16
Columns, 144
Circuits, Pin Length
4.90mm, Plated
Through Hole
Dimension 0.39mm,
Lead-Free
764107607
Impact 100 Ohm
3 Pair Right-Angle
Male Header, Right
Guided, Left Endwall,
16 Columns, 144
Circuits, Pin Length
4.90mm, Plated
Through Hole
Dimension 0.39mm,
Lead Free
764109607
This document was generated on 06/26/2021
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com