Electronic Components Datasheet Search
  English  ▼

X  

ATR0981 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATR0981
Description  UHF SiGe Front-end IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0981 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATR0981 Datasheet HTML 1Page - ATMEL Corporation ATR0981 Datasheet HTML 2Page - ATMEL Corporation ATR0981 Datasheet HTML 3Page - ATMEL Corporation ATR0981 Datasheet HTML 4Page - ATMEL Corporation ATR0981 Datasheet HTML 5Page - ATMEL Corporation ATR0981 Datasheet HTML 6Page - ATMEL Corporation ATR0981 Datasheet HTML 7Page - ATMEL Corporation ATR0981 Datasheet HTML 8Page - ATMEL Corporation ATR0981 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
4862A–SIGE–09/05
ATR0981 [Preliminary]
2.
Pin Configuration
Figure 2-1.
Pinning PSSO20 with Down Set Paddle
GND4
VS_CTRL
GND5
LNA_OUT
GND4
PA_IN
POUT_CONTROL
GND3
NC
GND6
V2_PA
GND5
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
V3_PA_OUT
V3_PA_OUT
V3_PA_OUT
GND3
GND2
GND1
LNA_IN
BIAS_LNA
Table 2-1.
Pin Description
Pin
Symbol
Function
1
V3_PA_OUT
Matching network for power amplifier output
2
V3_PA_OUT
Inductor to power supply and matching network for power amplifier output
3
V3_PA_OUT
Inductor to power supply and matching network for power amplifier output
4
GND4
Ground
5
GND3
Ground
6
NC
Not connected
7
GND2
Ground
8
LNA_IN
Low-noise amplifier input
9
GND1
Ground
10
BIAS_LNA
Resistor to V
S sets the LNA current
11
VS_CTRL
Supply voltage for control of power amplifier
12
GND5
Ground
13
LNA_OUT
Low-noise amplifier output and supply voltage
14
GND4
Ground
15
PA_IN
Power amplifier input
16
GND3
Ground
17
POUT_CONTROL
Power amplifier control input
18
GND6
Ground
19
V2_PA
Supply voltage for power amplifier
20
GND5
Ground



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com