Electronic Components Datasheet Search
  English  ▼

X  

558387 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 558387
Description  Signal convertor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

558387 Datasheet(HTML) 1 Page - Festo Corporation.

  558387 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Signal convertor
CASM-S-D3-R7
Part number: 558387
Data sheet
Feature
Value
Diagnostic function
Indication via LED
Mounting position
Any
Power supply requirement
PELV
Nominal operating voltage DC
24 V
Power failure buffering
10 ms
Residual ripple
4 Vss
Current consumption at nominal operating voltage
40 - 50 mA
Permissible voltage fluctuations
+/- 25 %
Certification
RCM compliance mark
KC characters
KC EMC
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
Continuous shock resistance to DIN/IEC 68 Part 2-82
Tested as per severity level 2
Corrosion resistance class (CRC)
1 - Low corrosion stress
Storage temperature
-20 °C ... 70 °C
Relative air humidity
95 %
Non-condensing
Degree of protection
IP67
Plug connector in plugged-in condition
Vibration resistance to DIN/IEC 68 Part 2-6
Tested as per severity level 2
Ambient temperature
0 °C ... 55 °C
Product weight
128 g
Electrical connection, displacement encoder
M12
Socket
8-pin
Electrical connection, control interface
Plug
M9
5-pin
Control interface
Digital
CAN bus with Festo protocol
Without terminating resistor
Type of mounting
With through-hole
Housing material
PBT-reinforced
4/20/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 558387

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
5583 ADAFRUIT-5583 Datasheet
95Kb / 1P
Socket Headers for Raspberry Pi Pico - 2 x 20 pin Female Headers
10-31-22
logo
MENTOR GmbH & Co.
5583.6611 MENTOR-5583.6611 Datasheet
101Kb / 1P
Aluminium Wing Knobs with Setscrew Fixing
5583.6631 MENTOR-5583.6631 Datasheet
101Kb / 1P
Aluminium Wing Knobs with Setscrew Fixing
logo
Festo Corporation.
558300 FESTO-558300 Datasheet
75Kb / 1P
Plastic tubing
558301 FESTO-558301 Datasheet
78Kb / 1P
Plastic tubing
More results

Similar Description - 558387

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2218 NJRC-NJM2218 Datasheet
203Kb / 5P
NTSC-M/PAL CONVERTOR
logo
International Rectifier
IR2161 IRF-IR2161 Datasheet
214Kb / 19P
HALOGEN CONVERTOR CONTROL IC
IR2161STRPBF IRF-IR2161STRPBF Datasheet
466Kb / 20P
HALOGEN CONVERTOR CONTROL IC
IR2161PBF IRF-IR2161PBF Datasheet
470Kb / 20P
HALOGEN CONVERTOR CONTROL IC
IR2161SPBF IRF-IR2161SPBF Datasheet
466Kb / 20P
HALOGEN CONVERTOR CONTROL IC
logo
Lowpower Semiconductor ...
LPA2162 POWER-LPA2162 Datasheet
1Mb / 11P
Integrated PWM/PFM boost convertor
logo
International Rectifier
IR2161 IRF-IR2161_15 Datasheet
466Kb / 20P
HALOGEN CONVERTOR CONTROL IC
logo
Festo Corporation.
549292 FESTO-549292 Datasheet
77Kb / 1P
Signal convertor
4/20/22
8071781 FESTO-8071781 Datasheet
92Kb / 2P
Signal convertor
4/20/22
logo
TECH PUBLIC Electronics...
TPRT9266GE TECHPUBLIC-TPRT9266GE Datasheet
1Mb / 4P
Step-up DC/DE convertor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com