Electronic Components Datasheet Search
  English  ▼

X  

2906851 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 2906851
Description  Surge protection device - TTC-6-TVSD-D-24DC-PT-I
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906851 Datasheet(HTML) 6 Page - PHOENIX CONTACT

  2906851 Datasheet HTML 1Page - PHOENIX CONTACT 2906851 Datasheet HTML 2Page - PHOENIX CONTACT 2906851 Datasheet HTML 3Page - PHOENIX CONTACT 2906851 Datasheet HTML 4Page - PHOENIX CONTACT 2906851 Datasheet HTML 5Page - PHOENIX CONTACT 2906851 Datasheet HTML 6Page - PHOENIX CONTACT 2906851 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
https://www.phoenixcontact.com/pi/products/2906851
03/25/2022   Page 6 / 7
Surge protection device - TTC-6-TVSD-D-24DC-PT-I - 2906851
Accessories
Zack Marker strip, flat - ZBF 6/WH-100:UNBEDRUCKT - 0808736
Zack Marker strip, flat, Strip, white, unlabeled, can be labeled with: PLOTMARK, CMS-P1-PLOTTER, mounting type:
snap in, for terminal block width: 6.2 mm, lettering field size: 5.15 x 6.15 mm, Number of individual labels: 1000
 
 
Additional products
Remote signaling set - TTC-6-FMRS-PT - 2907811
Module set for the optical monitoring and floating remote signaling of adjacent surge protective devices in the
TERMITRAB complete or CLIXTRAB product family. Suitable for directly grounded DIN rails.
 
 
Cover - TTC-6-LCP - 2908729
End cover for terminating a row of TERMITRAB complete TTC-6... terminal blocks
 
 
Shield connection - SSA 3-6 - 2839295
Shield fast connection for 3 ... 6 mm cable diameter. Potential connecting cable: 200 mm, 1 mm², color: black
 
 
Shield connection - SSA 5-10 - 2839512
Shield fast connection for 5 ... 10 mm cable diameter. Potential connecting cable: 200 mm, 1 mm², color: black
 
 



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com