Electronic Components Datasheet Search
  English  ▼

X  

MPC5604BC Datasheet(PDF) 74 Page - NXP Semiconductors

Part # MPC5604BC
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5604BC Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button MPC5604BC Datasheet HTML 70Page - NXP Semiconductors MPC5604BC Datasheet HTML 71Page - NXP Semiconductors MPC5604BC Datasheet HTML 72Page - NXP Semiconductors MPC5604BC Datasheet HTML 73Page - NXP Semiconductors MPC5604BC Datasheet HTML 74Page - NXP Semiconductors MPC5604BC Datasheet HTML 75Page - NXP Semiconductors MPC5604BC Datasheet HTML 76Page - NXP Semiconductors MPC5604BC Datasheet HTML 77Page - NXP Semiconductors MPC5604BC Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 109 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 15
Package pinouts and signal descriptions
NXP Semiconductors
74
Figure 21. Input equivalent circuit (extended channels)
A second aspect involving the capacitance network shall be considered. Assuming the three capacitances
CF, CP1 and CP2 are initially charged at the source voltage VA (refer to the equivalent circuit in Figure 20):
A charge sharing phenomenon is installed when the sampling phase is started (A/D switch close).
Figure 22. Transient behavior during sampling phase
In particular two different transient periods can be distinguished:
RF
CF
RS
RL
RSW1
CP3
CS
VDD
Sampling
Source
Filter
Current Limiter
EXTERNAL CIRCUIT
INTERNAL CIRCUIT SCHEME
CP1
RAD
Channel
Selection
VA
CP2
Extended
RSW2
Switch
RS: Source impedance
RF: Filter resistance
CF: Filter capacitance
RL: Current limiter resistance
RSW1: Channel selection switch impedance (two contributions, RSW1 and RSW2)
RAD: Sampling switch impedance
CP: Pin capacitance (two contributions, CP1, CP2 and CP3)
CS: Sampling capacitance
VA
VA1
VA2
t
ts
VCS
Voltage transient on CS
ΔV < 0.5 LSB
1
2
τ1 < (RSW + RAD) CS << ts
τ2 = RL (CS + CP1 + CP2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com