Electronic Components Datasheet Search
  English  ▼

X  

VLCS5830 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLCS5830
Description  High Brightness LED, Ø 5 mm Untinted Non-Diffused Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLCS5830 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLCS5830 Datasheet HTML 1Page - Vishay Siliconix VLCS5830 Datasheet HTML 2Page - Vishay Siliconix VLCS5830 Datasheet HTML 3Page - Vishay Siliconix VLCS5830 Datasheet HTML 4Page - Vishay Siliconix VLCS5830 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VLCS5830
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 24-Apr-13
2
Document Number: 81892
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) In one packing unit IVmax./IVmin.  2.0
(2) Wavelengths are tested at a current pulse duration of 25 ms and a tolerance of ± 1 nm
(3) Forward voltages are tested at a current pulse duration of 1 ms and a tolerance of ± 0.05 V
Note
• Luminous intensity is tested at a current pulse duration of 25 ms and an accuracy of ± 11 %.
The above type numbers represent the order groups which include only a few brightness groups. Only one group will be shipped on each
reel (there will be no mixing of two groups on each reel).
In order to ensure availability, single brightness groups will not be orderable.
In a similar manner for colors where wavelength groups are measured and binned, single wavelength groups will be shipped in any one reel.
In order to ensure availability, single wavelength groups will not be orderable.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Maximum Permissible Forward Current vs.
Ambient Temperature
Fig. 2 - Relative Intensity vs. Angular Displacement
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLCS5830, RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 50 mA
VLCS5830
IV
24 000
65 000
-
mcd
Dominant wavelength (2)
IF = 50 mA
d
620
624
630
nm
Peak wavelength
IF = 50 mA
p
-
631
-
nm
Spectral bandwidth
at 50 % Irel max.
IF = 50 mA

-18-
nm
Angle of half intensity
IF = 50 mA
-± 4
-
deg
Forward voltage (3)
IF = 50 mA
VF
-2.2
3.0
V
Reverse voltage
IR = 10 μA
VR
5-
-
V
Temperature coefficient of VF
IF = 50 mA
TCVF
-- 2-
mV/K
Temperature coefficient of
d
IF = 50 mA
TC
d
-0.05-
nm/K
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (mcd)
MIN.
MAX.
RR
24 000
48 000
SS
32 000
64 000
TT
43 000
86 000
UU
57 500
115 000
VV
72 000
150 000
WW
100 000
200 000
0
10
20
30
40
50
60
020
40
60
80
100
120
T
amb - Ambient Temperature (°C)
16710_2
red
0.4
0.2
95 10022
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com