Electronic Components Datasheet Search
  English  ▼

X  

VLHW4100 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLHW4100
Description  Ultrabright White LED, Ø 3 mm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLHW4100 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLHW4100 Datasheet HTML 1Page - Vishay Siliconix VLHW4100 Datasheet HTML 2Page - Vishay Siliconix VLHW4100 Datasheet HTML 3Page - Vishay Siliconix VLHW4100 Datasheet HTML 4Page - Vishay Siliconix VLHW4100 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VLHW4100, VLHW4101-YLWU
www.vishay.com
Vishay Semiconductors
Not for New Designs
Rev. 1.4, 19-Aug-2020
3
Document Number: 85198
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Relative Luminous Intensity vs. Angular Displacement
Fig. 3 - Relative Intensity vs. Wavelength
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 5 - Relative Luminous Intensity vs. Forward Current
Fig. 6 - Coordinates of Colorgroups
Tamb - Ambient Temperature (°C)
85198_01
0
20
10
5
15
25
30
0
20
40
60
80
100
0.4
0.2
0
22181
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
λ - Wavelength (nm)
22169
0
0.2
0.4
0.6
0.8
1.0
1.2
400
450
500
550
600
650
700
VF - Forward Voltage (V)
22170
1
10
100
012345
0.01
0.1
1
10
110
100
22171
IF - Forward Current (mA)
22182
YU
YL
XU
XL
WU
WL
VU
VL
UU
UL
0.37
0.39
0.35
0.33
0.31
0.29
0.27
0.37
0.35
0.33
0.31
0.29
0.27
X Coordinates



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com