Electronic Components Datasheet Search
  English  ▼

X  

MAX20332 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX20332
Description  USB Charger Detection with Integrated Overvoltage Protector
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20332 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX20332 Datasheet HTML 1Page - Maxim Integrated Products MAX20332 Datasheet HTML 2Page - Maxim Integrated Products MAX20332 Datasheet HTML 3Page - Maxim Integrated Products MAX20332 Datasheet HTML 4Page - Maxim Integrated Products MAX20332 Datasheet HTML 5Page - Maxim Integrated Products MAX20332 Datasheet HTML 6Page - Maxim Integrated Products MAX20332 Datasheet HTML 7Page - Maxim Integrated Products MAX20332 Datasheet HTML 8Page - Maxim Integrated Products MAX20332 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
(VBAT = +2.8V to +5.5V, VB = +3.5V to +36V, TA = -40ºC to +85ºC, unless otherwise noted. Typical values are at VBAT = +3.6V,
VB = +5.0V, TA = +25°C.) (Note 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
On-Resistance
RONUSB
VBAT = 3.0V, ICD+ or ICD- = 10mA,
VCD+ or VCD- = 0 to 3.0V
3
6
Ω
On-Resistance Match Between
Channels
DRONUSB
VBAT = 3.0V, ICD+ or ICD- = 10mA,
VCD+ or VCD- = 400mV
0.5
Ω
On-Resistance Flatness
RFLATUSB
VBAT = 3.0V, ICD+ or ICD- = 10mA,
VCD+ or VCD- = 0 to 3.3V
0.06
0.2
Ω
Off-Leakage Current
ILUSB(OFF)
VBAT = 4.2V, switch open; VUT, VUR,
VTD-, or VTD+ = 0.3V, 2.5V; VCD+ or
VCD- = 2.5V, 0.3V
-360
+360
nA
On-Leakage Current
ILUSB(ON)
VBAT = 4.2V, switch closed; VCD- or
VCD+ = 0.3V, 2.5V
-360
+360
nA
ANALOG INPUT (ID) (Note 5)
ADC Detection Resistors
(Use ±1% Resistors for R1 to
R30)
RADC
00000
GND
1.5
kΩ
00001
R1
2.21
00010
R2
2.8
00011
R3
3.48
00100
R4
4.22
00101
R5
5.11
00110
R6
6.04
00111
R7
7.87
01000
R8
10.02
01001
R9
12.1
01010
R10
14.7
01011
R11
17.8
01100
R12
21.5
01101
R13
25.5
01110
R14
30.1
01111
R15
36.5
10000
R16
45.3
10001
R17
53.6
10010
R18
64.9
10011
R19
80.06
10100
R20
102
10101
R21
121
10110
R22
150
10111
R23
175
200
202
11000
R24
232
11001
R25
267
11010
R26
309
11011
R27
365
11100
R28
422
11101
R29
491
11110
R30
576
11111
Open
750
Electrical Characteristics (continued)
MAX20332
USB Charger Detection
with Integrated Overvoltage Protector
www.maximintegrated.com
Maxim Integrated │ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com