Electronic Components Datasheet Search
  English  ▼

X  

MAX77301 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX77301
Description  JEITA-Compliant, Li Charger with Smart Power Selector, Automatic Detection, and USB Enumeration
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77301 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX77301 Datasheet HTML 17Page - Maxim Integrated Products MAX77301 Datasheet HTML 18Page - Maxim Integrated Products MAX77301 Datasheet HTML 19Page - Maxim Integrated Products MAX77301 Datasheet HTML 20Page - Maxim Integrated Products MAX77301 Datasheet HTML 21Page - Maxim Integrated Products MAX77301 Datasheet HTML 22Page - Maxim Integrated Products MAX77301 Datasheet HTML 23Page - Maxim Integrated Products MAX77301 Datasheet HTML 24Page - Maxim Integrated Products MAX77301 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
Pin Description (continued)
PIN
NAME
FUNCTION
D4
CHG_STAT
Charge Status Output. Logic-low open drain output indicating battery charging. When a
temperature fault is detected, the output is pulsed at 50% duty cycle with a period of 1.5s. When a
charge timer fault is detected CHG_STAT is pulsed at 50% duty cycle with a period of 0.15s. When
no battery is connected, CHG_STAT is pulsed at a 0.1s period and 10%–20% duty cycle. Connect
this pin to ground if not used.
D5
D+
USB D+ Signal. Connect a 33Ω resistor between D+ a USB connector to add signal integrity.
E1
IRQ
Interrupt Request. Logic-low open-drain output that indicates when an interrupt has occurred.
E2
THM
Thermistor Input. Battery temperature detect input. Connect a negative temperature coefficient
(NTC) thermistor close to the battery pack. Connect the other thermistor lead to AGND. Connect a
pullup resistor from THM to INT_3V3 (47kΩ pullup resistor is recommended with a 100kΩ
thermistor). Connect to AGND to disable this feature. Note the thermistor and pullup resistor are
required for battery NTC detection mode.
E3
INT_3V3
3.3V Logic Supply Output. Connect a 1μF capacitor from INT_3V3 to AGND. The output is rated
for up to a 10mA load. The INT_3V3 output is active whenever a valid voltage is present on BUS_
pins.
E4
DGND
Digital Ground. Connect DGND to power ground, including input capacitor, system capacitor, and
battery capacitor ground nodes.
E5
D-
USB D- Signal. Connect a 33Ω resistor between D- a USB connector.
MAX77301/MAX77301A
JEITA-Compliant, Li+ Charger with Smart Power
Selector, Automatic Detection, and USB
Enumeration
www.maximintegrated.com
Maxim Integrated | 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com