Electronic Components Datasheet Search
  English  ▼

X  

MAX14748 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14748
Description  USB Type-C Charger
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14748 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14748 Datasheet HTML 1Page - Maxim Integrated Products MAX14748 Datasheet HTML 2Page - Maxim Integrated Products MAX14748 Datasheet HTML 3Page - Maxim Integrated Products MAX14748 Datasheet HTML 4Page - Maxim Integrated Products MAX14748 Datasheet HTML 5Page - Maxim Integrated Products MAX14748 Datasheet HTML 6Page - Maxim Integrated Products MAX14748 Datasheet HTML 7Page - Maxim Integrated Products MAX14748 Datasheet HTML 8Page - Maxim Integrated Products MAX14748 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 71 page
background image
(VBAT = 8.3V, TA = -40°C to +85°C, all registers in their default state, unless otherwise noted. Typical values are at VCHGIN = 5.0V,
VBAT =7.4V, TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCCINT UVLO
Threshold Hysteresis
VUVLO_HYS
Hysteresis
100
mV
SFOUT LDO Voltage
VSFOUT
SfOutLvl = 1, VCHGIN = 6V,
ISFOUT = 0
3.15
3.3
3.45
V
SfOutLvl = 1, VCHGIN = 6V,
ISFOUT = 15mA
2.95
SfOutLvl = 0, VCHGIN = 6V,
ISFOUT = 0
5.0
5.25
5.5
SfOutLvl = 0, VCHGIN = 6V,
ISFOUT = 15mA
4.9
SFOUT Maximum
Current
ISFOUT_MAX
15
mA
Current Reduce
Temperature
TCHG_LIM
120
°C
Thermal Shutdown
Temperature
TSHUTDOWN
150
°C
Thermal Shutdown
Hysteresis
TSHUTDOWN_H
20
°C
BYP UVLO Threshold
VBYPUVLO
BYPUVLO[2:0] = 000, VBYP falling
3.8
V
BYPUVLO[2:0] = 001, VBYP falling
3.9
BYPUVLO[2:0] = 010, VBYP falling
4.0
BYPUVLO[2:0] = 011, VBYP falling
4.1
BYPUVLO[2:0] = 100, VBYP falling
4.2
BYPUVLO[2:0] = 101, VBYP falling
4.3
BYPUVLO[2:0] = 110, VBYP falling
4.4
BYPUVLO[2:0] = 111, VBYP falling
4.5
BYP UVLO Threshold
Hysteresis
VBYPUVLO_H
25
mV
SYS UVLO (SYSOK)
Threshold
VSYSUVLO
VPChg[2:0] = 000, VSYS rising
5.9
V
VPChg[2:0] = 001, VSYS rising
6.0
VPChg[2:0] = 010, VSYS rising
6.1
VPChg[2:0] = 011, VSYS rising
6.2
VPChg[2:0] = 100, VSYS rising
6.3
VPChg[2:0] = 101, VSYS rising
6.4
VPChg[2:0] = 110, VSYS rising
6.5
VPChg[2:0] = 111, VSYS rising
6.6
SYS UVLO Threshold
Hysteresis
VSYSUVLO_H
500
mV
Electrical Characteristics (continued)
MAX14748
USB Type-C Charger
www.maximintegrated.com
Maxim Integrated │ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com