Electronic Components Datasheet Search
  English  ▼

X  

MAX16922 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16922
Description  2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16922 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16922 Datasheet HTML 1Page - Maxim Integrated Products MAX16922 Datasheet HTML 2Page - Maxim Integrated Products MAX16922 Datasheet HTML 3Page - Maxim Integrated Products MAX16922 Datasheet HTML 4Page - Maxim Integrated Products MAX16922 Datasheet HTML 5Page - Maxim Integrated Products MAX16922 Datasheet HTML 6Page - Maxim Integrated Products MAX16922 Datasheet HTML 7Page - Maxim Integrated Products MAX16922 Datasheet HTML 8Page - Maxim Integrated Products MAX16922 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
(VPV1 = 13.5V, VPV2 = VPV3 = VOUT1, VPV4 = VOUT2; TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA
= +25°C under normal conditions, unless otherwise noted.) (Note 2)
Note 2: All units are 100% production tested at TA = +25°C. All temperature limits are guaranteed by design.
Note 3: Once PVI exceeds undervoltage-lockout rising threshold 4.0V and the device is in regulation.
Note 4: Guaranteed by design; not product tested.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power-Supply Rejection Ratio
IOUT4 = 30mA, f = 1kHz
57
dB
Shutdown Output Resistance
EN = low
1
kΩ
THERMAL OVERLOAD
Thermal-Shutdown Temperature
(Note 4)
150
175
°C
Thermal-Shutdown Hysteresis
15
°C
RESET
OUT1 OV Threshold
110
%
OUT1 Reset Threshold
Reset option 1 (see the Selector Guide)
85
90
95
%
Reset option 2 (see the Selector Guide)
75
80
85
OUT2 Reset Threshold
Percentage of nominal output
85
90
95
%
Reset Timeout Period
Reset timeout option 1 (see the Selector
Guide)
14.9
ms
Reset timeout option 2 (see the Selector
Guide)
1.9
Output-High Leakage Current
1
µA
Output Low Level
Sinking -3mA
0.4
V
UV Propagation Time
28
µs
EN LOGIC INPUT
EN Threshold Voltage
EN rising
1.4
1.8
2.2
V
EN Threshold Hysteresis
0.4
V
Input Current
VEN = 5V
0.5
µA
PWM LOGIC INPUT
Input High Level
PWM rising
1.8
V
Input Low Level
PWM falling
0.4
V
Logic-Input Current
0 ≤ VPWM ≤ 5.5V
1
µA
MAX16922
2.2MHz, Dual, Step-Down DC-DC
Converters, Dual LDOs, and RESET
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com