Electronic Components Datasheet Search
  English  ▼

X  

MAX20046 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX20046
Description  Automotive Hi-Speed USB 2.0 Protector
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20046 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX20046 Datasheet HTML 1Page - Maxim Integrated Products MAX20046 Datasheet HTML 2Page - Maxim Integrated Products MAX20046 Datasheet HTML 3Page - Maxim Integrated Products MAX20046 Datasheet HTML 4Page - Maxim Integrated Products MAX20046 Datasheet HTML 5Page - Maxim Integrated Products MAX20046 Datasheet HTML 6Page - Maxim Integrated Products MAX20046 Datasheet HTML 7Page - Maxim Integrated Products MAX20046 Datasheet HTML 8Page - Maxim Integrated Products MAX20046 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Note 1: Specifications with minimum and maximum limits are 100% production tested at TA = +25°C and are guaranteed over the
operating temperature range by design and characterization. Actual typical values may vary and are not guaranteed.
Note 2: Forward current is defined as current into BUS and out of HVBUS. See the Functional Diagram.
Note 3: Guaranteed by design. Limits are not production tested.
Note 4: Tested in the Typical Application Circuit, as shown on the evaluation kit.
(VBUS = 5.0V VIN = +3.3V, TJ = TA = -40°C to +105°C. RL = ∞, unless otherwise noted. Typical values are at VEN = 0V or VEN = 3.3V
and TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
On-Resistance
RON
VBUS = 5V, IL = 40mA, 0 ≤ VD ≤ 3.6V
3.3
Ω
On-Resistance Match Between
Channels
Δ RON
VBUS = 5V, IL = 40mA, VD = 1.5V,
3.0V
0.25
Ω
On-Resistance Flatness
RFLAT(ON)
IL = 40mA, VD = 0V or 0.4V
0.25
Ω
HVD+, HVD- Off-Leakage
Current
IHVD_OFF
VHVD+, VHVD- = 18V, VD+, VD- = 0V
20
µA
VHVD+, VHVD- = 18V, VD+,
VD = 0V, VIN = 0V, VBUS = 0V
20
HVD+, HVD- On-Leakage
Current
IHVD_ON
VHVD+, VHVD = VIN, VEN = 0V
5
µA
On-Channel -3dB Bandwidth
BW
RL = 50Ω, source impedance 50Ω
(Figure 5)
864
MHz
FAULT OUTPUT
FAULT
Output Low Voltage
VOL
ISINK = 500μA
0.5
V
FAULT
Output High-Leakage
Current
1
μA
FAULT
Recovery Time
tFPR
VFAULT = VIN (Figure 3)
6
9
11
ms
EN INPUT
Input Logic-High
VIH
1.65
V
Input Logic-Low
VIL
0.5
V
Input Leakage Current
IEN
VEN = 0V or VIN
1
μA
Enable Delay Time
tD_EN
No load on HVBUS
10
μs
ISET INPUT
Input Logic-High
VIH
1.65
V
Input Logic-Low
VIL
0.5
V
Input-Leakage Current
IISET
VISET = 0V or VIN
2
μA
ESD PROTECTION (D+, D-, BUS, EN, FAULT, IN, ISET)
ESD Protection Level
VESD
Human Body Model
±2
kV
ESD PROTECTION (HVD+, HVD-, HVBUS)
ESD Protection Level (Note 4)
VESD
ISO 10605 Air Gap (330pF, 2kΩ)
±25
kV
ISO 10605 Contact (330pF, 2kΩ)
±8
IEC 61000-4-2 Air Gap (150pF, 330Ω)
±25
IEC 61000-4-2 Contact (150pF, 330Ω)
±8
Electrical Characteristics (continued)
MAX20046
Automotive Hi-Speed USB 2.0 Protector
www.maximintegrated.com
Maxim Integrated │ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com