Electronic Components Datasheet Search
  English  ▼

X  

MAX20047 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX20047
Description  Dual 3A USB DCP Charger
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20047 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX20047 Datasheet HTML 1Page - Maxim Integrated Products MAX20047 Datasheet HTML 2Page - Maxim Integrated Products MAX20047 Datasheet HTML 3Page - Maxim Integrated Products MAX20047 Datasheet HTML 4Page - Maxim Integrated Products MAX20047 Datasheet HTML 5Page - Maxim Integrated Products MAX20047 Datasheet HTML 6Page - Maxim Integrated Products MAX20047 Datasheet HTML 7Page - Maxim Integrated Products MAX20047 Datasheet HTML 8Page - Maxim Integrated Products MAX20047 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
(TA = -40ºC to +125ºC. Typical values are at VSUPSW = +14V and TA = +25ºC, unless otherwise noted.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
G_DMOS PIN (CHARGE PUMP)
Unloaded Output Voltage
VOCHP
Referenced to PV, internal
discharge path 2MΩ to ground
7
9
11
V
Output Impedance
ROCHP
50
75
kΩ
Output DC Current
IOCHP
VG_DMOS - PV > 8V (min),
10V (typ)
20
µA
HVDM_/HVDP_ DCP PINS
HVDP_/HVDM_ Short
Pulldown
RPD
300
500
750
kΩ
HVDP_/HVDM_ Off-Leakage
IHVD_OFF
HVDP_/HVDM_ = 18V, HVEN = 9V
50
µA
HVDP_/HVDM_
Overvoltage-Protection-
Trip Threshold
VOV_DAT
3.85
3.99
V
HVDM_/HVDP_
Overvoltage-Protection-
Response Time
tOV_DAT
HVDP_/HVDM_ OV rising
1.0
2.5
µs
SRC_DMOS1/SRC_DMOS2 USB POWER SWITCHES
SRC_DMOS_ Protection
Overvoltage
VOV_USB
SRC_DMOS_ rising
5.5
5.8
V
SRC_DMOS_ Protection-
Response Time
tOV_USB
200
ns
SRC_DMOS_ Relative
Protection-Trip Threshold
VOV_REL
SRC_DMOS_ rising
VPV +
0.300
V
SRC_DMOS_ Relative
Protection-Response Time
tOV_REL
500
ns
SRC_DMOS_ Undervoltage-
Protection Trip Absolute
VUV_USB
If ILIM < UV_USB, turn off;
if ILIM > UV_USB, stay on
4.3
4.45
4.6
V
SRC_DMOS_ Undervoltage-
Protection-Response Time
tUV_USB
SRC_DMOS rising OV_REL,
OV_USB (750ns typ rising)
300
ns
PV Undervoltage Protection
VUV_PV
PV falling from 5V with slew rate
of 0.5V/µs, switch turned off
(with RL= 50Ω on; SRC_DMOS
measured when SRC_DMOS
goes low)
3.65
3.85
4
V
Electrical Characteristics (continued)
MAX20047
Dual 3A USB DCP Charger
www.maximintegrated.com
Maxim Integrated │ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com