Electronic Components Datasheet Search
  English  ▼

X  

VFM-50 Datasheet(PDF) 1 Page - CUI INC

Part # VFM-50
Description  DC POWER LINE FILTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VFM-50 Datasheet(HTML) 1 Page - CUI INC

  VFM-50 Datasheet HTML 1Page - CUI INC VFM-50 Datasheet HTML 2Page - CUI INC VFM-50 Datasheet HTML 3Page - CUI INC VFM-50 Datasheet HTML 4Page - CUI INC VFM-50 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date 01/25/2022
page 1 of 5
SERIES: VFM-50
│ DESCRIPTION: DC POWER LINE FILTER
FEATURES
• compact
• high efficiency 98%
• meet IEC/EN61000-4 standard
• CISPR22/EN55022 compliant
• DIP, Chassis and DIN Rail mounting version
• input voltage protection
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
input voltage
18
24
36
Vdc
output power
50
W
no load input current
at 24 Vdc
5
mA
efficiency
at 24 Vdc, full load
98
%
isolation voltage
+Vin to GND, -Vin to GND, at 1 minute and
leakage current 5 mA max
500
Vac
conducted emissions
CISPR22/EN55022, 150 kHz ~ 30 MHz class B
radiated emissions
CISPR22/EN55022, 30 MHz ~ 1 GHz class B
ESD
IEC/EN61000-4-2, air ±8 kV, contact ± 6kV, class B
radiated immunity
IEC/EN61000-4-3, 10 V/m, class A
EFT/burst
IEC/EN61000-4-4, ±4 kV(5 kHz, 100 kHz), class B
surge
IEC/EN61000-4-5, ±2 kV (1.2μs/50μs 2Ω)/±4 kV (1.2 μs/50 μs 12 Ω), class B
conducted immunity
IEC/EN61000-4-6, 10 Vr.m.s, class A
MTBF
as per MIL-HDBK-217F, 40°C
1,000,000
hours
RoHS
yes
operating temperature
-40
85
°C
storage temperature
-55
125
°C
storage humidity
non-condensing
5
95
%
Notes:
1. All specifications are measured at Ta=25°C, humidity < 75%, nominal input voltage, and rated load, unless otherwise specified.
PART NUMBER KEY
Base Number
VFM-50 - X
Mounting Style:
D = board mount
T = chassis mount
DIN = DIN-rail mount
Additional Resources: Product Page | PCB Footprint


Similar Part No. - VFM-50

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFM-50 CUI-VFM-50 Datasheet
792Kb / 7P
DC POWER LINE FILTER
VFM-50-UW CUI-VFM-50-UW Datasheet
810Kb / 7P
DC POWER LINE FILTER
VFM-50-UW CUI-VFM-50-UW Datasheet
874Kb / 5P
DC POWER LINE FILTER
01/25/2022
VFM-50-UW-D CUI-VFM-50-UW-D Datasheet
874Kb / 5P
DC POWER LINE FILTER
01/25/2022
VFM-50-UW-DIN CUI-VFM-50-UW-DIN Datasheet
874Kb / 5P
DC POWER LINE FILTER
01/25/2022
More results

Similar Description - VFM-50

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFM-03 CUI-VFM-03 Datasheet
1Mb / 7P
DC POWER LINE FILTER
VFM-30-UW CUI-VFM-30-UW Datasheet
796Kb / 7P
DC POWER LINE FILTER
VFM-30-W CUI-VFM-30-W Datasheet
793Kb / 7P
DC POWER LINE FILTER
VFM-50 CUI-VFM-50 Datasheet
792Kb / 7P
DC POWER LINE FILTER
VFM-50-UW CUI-VFM-50-UW Datasheet
810Kb / 7P
DC POWER LINE FILTER
VFM-03 CUI-VFM-03_V01 Datasheet
811Kb / 5P
DC POWER LINE FILTER
01/25/2022
VFM-30-W CUI-VFM-30-W_V01 Datasheet
781Kb / 5P
DC POWER LINE FILTER
01/14/2022
VFM-70 CUI-VFM-70_V01 Datasheet
776Kb / 5P
DC POWER LINE FILTER
01/25/2022
VFM-30-UW CUI-VFM-30-UW_V01 Datasheet
863Kb / 5P
DC POWER LINE FILTER
01/14/2022
VFM-50-UW CUI-VFM-50-UW_V01 Datasheet
874Kb / 5P
DC POWER LINE FILTER
01/25/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com